Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP07375 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07375
Description  SAW Resonator: 1279.60MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07375 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07375 Datasheet HTML 1Page - Golledge Electronics Ltd MP07375 Datasheet HTML 2Page - Golledge Electronics Ltd MP07375 Datasheet HTML 3Page - Golledge Electronics Ltd MP07375 Datasheet HTML 4Page - Golledge Electronics Ltd MP07375 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Resonator: 1279.60MHz
Model: TC0630A
Part No: MP07375
Rev No: 1
TC0630A v1
1
A. FEATURES:
One-Port Resonator
B. MAXIMUM RATING:
1. Input Power Level: 0dBm
2. DC voltage: 0V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Min.
Typ.
Max.
Center frequency Fr
MHz
1279.4
1279.6
1279.8
Insertion Loss IL
dB
-
1.6
2.0
Equivalent Elements
Unload quality factor QU
4000
5000
Motional capacitance C1
fF
-
3.5
-
Motional inductance L1
μH
-
4.6
-
Motional resistance R1
Ohm
-
4.8
-
Parallel capacitance Co
pF
-
3
-
Temp. coeff.
ppm/c*2
-
0.05
-
Turnover To
deg.C
-
25
-
Package size
SMD 3.0 X 3.0 X 1.4mm


Similar Part No. - MP07375

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP073 CTS-MP073 Datasheet
133Kb / 5P
Quartz Crystal
logo
Golledge Electronics Lt...
MP07320 GOLLEDGE-MP07320 Datasheet
174Kb / 8P
SAW Filter 918.60MHz
MP07322 GOLLEDGE-MP07322 Datasheet
281Kb / 9P
SAW Filter 1582.470MHz
MP07327 GOLLEDGE-MP07327 Datasheet
233Kb / 6P
SAW Filter 2350.0MHz
MP07328 GOLLEDGE-MP07328 Datasheet
232Kb / 6P
SAW Filter 2350.0MHz
More results

Similar Description - MP07375

ManufacturerPart #DatasheetDescription
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
2004-04-20
R31801 ITF-R31801 Datasheet
256Kb / 6P
SAW Resonator
2004-04-20
R40731 ITF-R40731 Datasheet
255Kb / 6P
SAW Resonator
R41751 ITF-R41751 Datasheet
252Kb / 6P
SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
SAW Resonator
2004-04-20
logo
Shenzhen Luguang Electr...
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
SAW resonator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com