Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3384 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3C3384
Description  2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3384 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3C3384 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3384 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3384 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3384 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PI3C3384/PI3C32384 (25Ω
Ω
Ω
Ω
Ω)
2.5V/3.3V, High Bandwidth,
Hot Insertion, 10-Bit, 2-Port BusSwitch
3
PS8161C
02/04/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3C3384/PI3C32384 Switching Characteristics over 3.3V Operating Range
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified
frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is
guaranteed by design.
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
ti
n
U
I C
C
t
n
e
rr
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
ei
u
Q
V C
C
,.
x
a
M
=
V N
I
V
r
o
D
N
G
=
C
C
4
8
3
3
C
3
I
P
4
8
3
2
3
C
3
I
P
—0
6
20
0
5
A
µ
∆I C
C
t
u
p
n
I
r
e
p
t
n
e
rr
u
C
y
l
p
p
u
S
H
G
I
H
L
T
T
@
V C
C
,.
x
a
M
=
V N
I=
V
0
.
3
)
3
(
——
0
5
7
Power Supply Characteristics
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
)
1
(
4
8
3
3
C
3
I
P4
8
3
2
3
C
3
I
P
s
ti
n
U
.
m
o
C.
m
o
C
.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
o
p
o
r
P
)
3
,
2
(
x
A
o
t
x
B
,
x
B
o
t
x
A
CL
F
p
0
5
=
RL
0
0
5
=
Ω
—5
2
.
0—
5
2
.
1
s
n
t H
Z
P
t L
Z
P
e
m
i
T
el
b
a
n
E
s
u
B
x
B
r
o
x
A
o
t
x
E
B
CL
F
p
0
5
=
RL
0
0
5
=
Ω
0
0
5
=
R
Ω
5
.
15
.
65
.
15
.
6
t Z
H
P
t Z
L
P
e
m
i
T
el
b
a
si
D
s
u
B
x
B
r
o
x
A
o
t
x
E
B
5
.
15
.
55
.
15
.
5
PI3C3384/PI3C32384 Switching Characteristics over 2.5V Operating Range
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load
capacitance. The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much
smaller than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational
delay of the bus switch when used in a system is determined by the driving circuit on the driving side of the switch and its
interaction with the load on the driven side.
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
)
1
(
4
8
3
3
C
3
I
P4
8
3
2
3
C
3
I
P
s
ti
n
U
.
m
o
C.
m
o
C
.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
o
p
o
r
P
)
3
,
2
(
x
A
o
t
x
B
,
x
B
o
t
x
A
CL
F
p
0
5
=
RL
0
0
5
=
Ω
—5
2
.
0—
5
2
.
1
s
n
t H
Z
P
t L
Z
P
e
m
i
T
el
b
a
n
E
s
u
B
x
B
r
o
x
A
o
t
x
E
B
CL
F
p
0
5
=
RL
0
0
5
=
Ω
0
0
5
=
R
Ω
5
.
18
.
95
.
18
.
9
t Z
H
P
t Z
L
P
e
m
i
T
el
b
a
si
D
s
u
B
x
B
r
o
x
A
o
t
x
E
B
5
.
13
.
85
.
13
.
8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com