Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP6002 Datasheet(PDF) 5 Page - 3PEAK INC.

Part # TP6002
Description  1MHz, 80關A, RRIO, Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP6002 Datasheet(HTML) 5 Page - 3PEAK INC.

  TP6002 Datasheet HTML 1Page - 3PEAK INC. TP6002 Datasheet HTML 2Page - 3PEAK INC. TP6002 Datasheet HTML 3Page - 3PEAK INC. TP6002 Datasheet HTML 4Page - 3PEAK INC. TP6002 Datasheet HTML 5Page - 3PEAK INC. TP6002 Datasheet HTML 6Page - 3PEAK INC. TP6002 Datasheet HTML 7Page - 3PEAK INC. TP6002 Datasheet HTML 8Page - 3PEAK INC. TP6002 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.3peakic.com.cn
Rev.0.03
5 / 17
TP6001/TP6002/TP6004
1MHz, 8
0μA, RRIO, Op Amps
Electrical Characteristics
All test condition is VS = 5V, TA = 25°C, RL = 2k
Ω, CL =100pF, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power Supply
VS
Supply Voltage Range
2.1
6
V
IQ
Quiescent Current per Amplifier
80
130
μA
PSRR
Power Supply Rejection Ratio
80
100
dB
Input Characteristics
VOS
Input Offset Voltage
VCM = 0V to 3V
-3
0.5
3
mV
VOS TC
Input Offset Voltage Drift
TA = -40°C to 125°C
2
μV/°C
IB
Input Bias Current
TA = 25 °C
1
pA
TA = 85 °C
25
pA
IOS
Input Offset Current
1
pA
CIN
Input Capacitance
Differential Mode
8
pF
Common Mode
7
pF
Av
Open-loop Voltage Gain
RLOAD = 10kΩ
85
110
dB
VCMR
Common-mode Input Voltage
Range
(V-) - 0.1
(V+) + 0.1
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3V
70
100
dB
Xtalk
Channel Separation
f = 1kHz, RL = 2kΩ
110
dB
Output Characteristics
VOH, VOL
Maximum Output Voltage Swing
RLOAD = 10kΩ
3
15
mV
ISC
Output Short-Circuit Current
100
mA
AC Specifications
GBW
Gain-Bandwidth Product
1
MHz
SR
Slew Rate
AV = 1, VOUT = 1.5V to 3.5V, CLOAD
= 60pF, RLOAD = 1kΩ
0.7
V/μs
tS
Settling Time, 0.1%
AV = 1, 2V Step, CLOAD = 60pF,
RLOAD = 1kΩ
3.5
μs
Settling Time, 0.01%
4.8
μs
PM
Phase Margin
RLOAD = 1kΩ, CLOAD = 60pF
60
°
GM
Gain Margin
RLOAD = 1kΩ, CLOAD = 60pF
15
dB
Noise Performance
EN
Input Voltage Noise
f = 0.1Hz to 10Hz
8
μV
PP
eN
Input Voltage Noise Density
f = 1kHz
27
nV/
√Hz
iN
Input Current Noise
f = 1kHz
2
fA/
√Hz
THD+N
Total Harmonic Distortion and
Noise
f = 1kHz, AV =1, RL = 2kΩ,
VOUT = 1Vp-p
0.003
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com