Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP6004 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TP6004
Description  1MHz, 80關A, RRIO, Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP6004 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TP6004 Datasheet HTML 5Page - 3PEAK INC. TP6004 Datasheet HTML 6Page - 3PEAK INC. TP6004 Datasheet HTML 7Page - 3PEAK INC. TP6004 Datasheet HTML 8Page - 3PEAK INC. TP6004 Datasheet HTML 9Page - 3PEAK INC. TP6004 Datasheet HTML 10Page - 3PEAK INC. TP6004 Datasheet HTML 11Page - 3PEAK INC. TP6004 Datasheet HTML 12Page - 3PEAK INC. TP6004 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Application Information
Low Supply Voltage and Low Power Consumption
The TP600X family of operational amplifiers can operate with power supply voltages from 2.1 V to 6.0 V. Each amplifier draws only
8
0 μA quiescent current. The low supply voltage capability and low supply current are ideal for portable applications demanding high
capacitive load driving capability and stable wide bandwidth. The TP600X family is optimized for wide bandwidth low power
applications. They have an industry leading high GBWP to power ratio and are unity gain stable for any capacitive load. When the
load capacitance increases, the increased capacitance at the output pushed the non-dominant pole to lower frequency in the open
loop frequency response, lowering the phase and gain margin. Higher gain configurations tend to have better capacitive drive
capability than lower gain configurations due to lower closed loop bandwidth and hence higher phase margin.
Ground Sensing and Rail to Rail Output
The TP600X family has excellent output drive capability, delivering over 100 mA of output drive current. The output stage is a rail-to-
rail topology that is capable of swinging to within 10mV of either rail. Since the inputs can go 300 mV beyond either rail, the op-amp
can easily perform ‘true ground’ sensing.
The maximum output current is a function of total supply voltage. As the supply voltage to the amplifier increases, the output current
capability also increases. Attention must be paid to keep the junction temperature of the IC below 150°C when the output is in
continuous short-circuit. The output of the amplifier has reverse-biased ESD diodes connected to each supply. The output should not
be forced more than 0.5V beyond either supply, otherwise current will flow through these diodes.
Driving Large Capacitive Load
The TP600X
family of OPA is designed to drive large capacitive loads. Refer to Typical Performance Characteristics for “Phase Margin
vs. Load Capacitance”. As always, larger load capacitance decreases overall phase margin in a feedback system where internal
frequency compensation is utilized. As the load capacitance increases, the feedback loop’s phase margin decreases, and the
closed-loop bandwidth is reduced. This produces gain peaking in the frequency response, with overshoot and ringing in output step
response. The unity-gain buffer (G = +1V/V) is the most sensitive to large capacitive loads.
When driving large capacitive loads with the TP600X OPA family (e.g., > 200 pF when G = +1V/V), a small series resistor at the
output (RISO in Figure 3) improves the feedback loop’s phase margin and stability by making the output load resistive at higher
frequencies.
Vin
Vout
Cload
Riso



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com