Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMF30N02JS Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMF30N02JS
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF30N02JS Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMF30N02JS Datasheet HTML 1Page - Excelliance MOS Corp. EMF30N02JS Datasheet HTML 2Page - Excelliance MOS Corp. EMF30N02JS Datasheet HTML 3Page - Excelliance MOS Corp. EMF30N02JS Datasheet HTML 4Page - Excelliance MOS Corp. EMF30N02JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2015/9/22 
p.4 
EMF30N02JS
‐1
t1  ,Time ( SEC )
Transient Thermal Response Curve
10
‐4
0.05
0.02
0.01
0.1
10
‐3
10
‐2
10
Single Pulse
Duty Cycle = 0.5
0.2
1
4.R    (t)=r(t) * R
3.T  ‐  T   = P * R     (t)
2.R     =166°C/W
1.Duty Cycle,D =
t1
P
Notes:
110
θ
JA
J
θ
JA
DM
1000
θ
JA
100
t1
t2
t2
θ
JA
A
0.01
0.1
t  ,Tim e ( SEC )
Single Pulse Maxim um  Pow er Dissipation
0.001
0
5
1
0.1
0.01
1
10
15
20
1000
10
100
A
Single Pulse
R    = 166°C/W
T  = 25°C
θ JA
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
5
4
3
2
1
0
0
2
4
68
10V
V DS= 5V
ID = 5A
Q g, Gate Charge ( nC )
 Gate‐Charge Characteristics
10
12
450
150
75
0
0
5
20
VDS, Drain‐Source Voltage( V )
Crss
Coss
Ciss
 Capacitance Characteristics
225
300
375
10
15
f =1MHz
VGS=0 V
Maximum Safe Operating Area
VGS,Drain‐Source Voltage( V )
VGS =4.5V
SINGLE PULSE
RθJA=166°C/W
TA =25°C
DC
1s
100ms
10ms
1ms
100μs
LIMIT
RDS(ON)
100
10
1
0.1
0.01
100
10
1
0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com