Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMF90P02A Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMF90P02A
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF90P02A Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMF90P02A Datasheet HTML 1Page - Excelliance MOS Corp. EMF90P02A Datasheet HTML 2Page - Excelliance MOS Corp. EMF90P02A Datasheet HTML 3Page - Excelliance MOS Corp. EMF90P02A Datasheet HTML 4Page - Excelliance MOS Corp. EMF90P02A Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2008/08/04 
p.4 
EMF90P02A
T   ‐ Junction Temperature (° C)
0
‐50
0
50
150
100
Gate Threshold Voltage v.s. Junction Temperature
1.5
1.25
1.0
0.75
0.50
0.25
J
0
25
2
4
50
75
6
8
150
100
125
Maximum Drain Current v.s. Case Temperature
10
T   ‐ Case Temperature (° C)
C
Typical Power Dissipation
T  , Case Temperature
15
0
0
5
10
C
50
20
25
30
100
150
Maximum Safe Operating Area
10ms
R    = 5° C/W
V   = ‐4.5V
Single Pulse
T  = 25° C
1
10
1
GS
100ms
R         Limit
100
DS(ON)
10
100
100μs
1ms
‐V    ‐ Drain‐Source Voltage(V)
DS
θJC
C
Effective Transient Thermal Impedance
Single Pulse
0.00001
0.001
0.0001
0.1
Notes:
2.R     =5° C/W
1.Duty Cycle,D =
t2
t1
0.01
0.1
1
t  , Pulse Width(ms)
P
θ
JC
t1
t2
J
C
θ
JC
θ
JC
4.R     (t)=r(t) * R
3.T  ‐  T   = P * R    (t)
θ
JC
DM
Duty Cycle = 0.5
0.2
0.05
0.02
0.01
1
0.1
0.01
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com