Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM148F2KSLAXCL Datasheet(PDF) 31 Page - Nanya Technology Corporation.

Part # NM148F2KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM148F2KSLAXCL Datasheet(HTML) 31 Page - Nanya Technology Corporation.

Back Button NM148F2KSLAXCL Datasheet HTML 27Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 28Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 29Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 30Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 31Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 32Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 33Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 34Page - Nanya Technology Corporation. NM148F2KSLAXCL Datasheet HTML 35Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 121 page
background image
Version 1.6
31
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Random Column Address Change in Auto Page Program Operation
The column address can be changed by the 85h command during the data input sequence of the Auto Page
Program operation.
Two address input cycles after the 85h command are recognized as a new column address for the data input.
After the new data is input to the new column address, the 10h command initiates the actual data program into
the selected page automatically. The Random Column Address Change operation can be repeated multiple
times within the same page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com