Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT28F256 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT28F256
Description  Radiation-Hardened 32K x 8 PROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT28F256 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT28F256 Datasheet HTML 1Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 2Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 3Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 4Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 5Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 6Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 7Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 8Page - Aeroflex Circuit Technology UT28F256 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
RADIATION HARDNESS
The UT28F256 PROM incorporates special design and layout
features which allow operation in high-level radiation
environments. UTMC has developed special low-temperature
processing techniques designed to enhance the total-dose
radiation hardness of both the gate oxide and the field oxide while
maintaining the circuit density and reliability. For transient
radiation hardness and latchup immunity, UTMC builds all
radiation-hardened products on epitaxial wafers using an
advanced twin-tub CMOS process. In addition, UTMC pays
special attention to power and ground distribution during the
design phase, minimizing dose-rate upset caused by rail collapse.
RADIATION HARDNESS DESIGN SPECIFICATIONS 1
Note:
1. The PROM will not latchup during radiation exposure under recommended operating conditions.
Figure 2. PROM Read Cycle
tAVAV
tAVQV
t
ELQV
tGLQV
t
AVQV
t
AXQX
tEHQZ
tGHQZ
A(14:0)
CE
OE
DQ(7:0)
tGLQX
tELQX
Total Dose
1E6
rad(Si)
Latchup LET Threshold
>128
MeV-cm
2/mg
Memory Cell LET Threshold
>128
MeV-cm2/mg
Transient Upset LET Threshold
54
MeV-cm2/mg
Transient Upset Device Cross Section @ LET=128 MeV-cm2/mg
1E-6
cm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com