Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS323 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS323
Description  8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS323 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM74LS323 Datasheet HTML 1Page - National Semiconductor (TI) DM74LS323 Datasheet HTML 2Page - National Semiconductor (TI) DM74LS323 Datasheet HTML 3Page - National Semiconductor (TI) DM74LS323 Datasheet HTML 4Page - National Semiconductor (TI) DM74LS323 Datasheet HTML 5Page - National Semiconductor (TI) DM74LS323 Datasheet HTML 6Page - National Semiconductor (TI) DM74LS323 Datasheet HTML 7Page - National Semiconductor (TI) DM74LS323 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM54LS
b
55 Cto a125 C
DM74LS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54LS323
DM74LS323
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
4
8
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
ts (H)
Setup Time HIGH or LOW
24
24
ns
ts (L)
S0 or S1 to CP
24
24
th (H)
Hold Time HIGH or LOW
5
0
ns
th (L)
S0 or S1 to CP
5
0
ts (H)
Setup Time HIGH or LOW
15
10
ns
ts (L)
IOn DS0 DS7toCP
15
10
th (H)
Hold Time HIGH or LOW
5
0
ns
th (L)
IOn DS0 DS7toCP
5
0
ts (H)
Setup Time HIGH or LOW
30
15
ns
ts (L)
SR to CP
20
15
th (H)
Hold Time HIGH or LOW
0
0
ns
th (L)
SR to CP
0
0
tw (H)
CP Pulse Width HIGH or LOW
15
15
ns
tw (L)
15
15
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com