Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M8FN Datasheet(PDF) 2 Page - Nanya Technology Corporation.

Part # NT5CB128M8FN
Description  Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M8FN Datasheet(HTML) 2 Page - Nanya Technology Corporation.

  NT5CB128M8FN Datasheet HTML 1Page - Nanya Technology Corporation. NT5CB128M8FN Datasheet HTML 2Page - Nanya Technology Corporation. NT5CB128M8FN Datasheet HTML 3Page - Nanya Technology Corporation. NT5CB128M8FN Datasheet HTML 4Page - Nanya Technology Corporation. NT5CB128M8FN Datasheet HTML 5Page - Nanya Technology Corporation. NT5CB128M8FN Datasheet HTML 6Page - Nanya Technology Corporation. NT5CB128M8FN Datasheet HTML 7Page - Nanya Technology Corporation. NT5CB128M8FN Datasheet HTML 8Page - Nanya Technology Corporation. NT5CB128M8FN Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 165 page
background image
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8FN / NT5CB(C)64M16FP(Y)
Version 1.8
2
Nanya Technology Cooperation ©
08/2015
All Rights Reserved.
Fundamental AC Specifications – Core Timing
DDR3-2133, 1866, DDR3(L)-1600 and DDR3(L)-1333
Speed Bins
DDR3-2133
DDR3-1866
DDR3(L)-1600
DDR3(L)-1333
Unit
14-14-14
13-13-13
10-10-10
11-11-11
9-9-9
10-10-10
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tAA
13.09
20
13.91
20
12.5
20
13.75
20
13.5
20
15
20
ns
tRCD
13.09
-
13.91
-
12.5
-
13.75
-
13.5
-
15
-
ns
tRP
13.09
-
13.91
-
12.5
-
13.75
-
13.5
-
15
-
ns
tRC
46.09
-
47.91
-
47.5
-
48.75
-
49.5
-
51
-
ns
tRAS
33
9*tREFI
34
9*tREFI
35
9*tREFI
35
9*tREFI
36
9*tREFI
36
9*tREFI ns
DDR3(L)-1066 and DDR3(L)-800
Speed Bins
DDR3(L)-1066
DDR3(L)-800
Unit
7-7-7
8-8-8
5-5-5
6-6-6
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
tAA
13.125
20
15
20
12.5
20
15
20
ns
tRCD
13.125
-
15
-
12.5
-
15
-
ns
tRP
13.125
-
15
-
12.5
-
15
-
ns
tRC
50.625
-
52.5
-
50
-
52.5
-
ns
tRAS
37.5
9*tREFI
37.5
9*tREFI
37.5
9*tREFI
37.5
9*tREFI ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com