Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS323J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS323J
Description  8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS323J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM54LS323J Datasheet HTML 1Page - National Semiconductor (TI) DM54LS323J Datasheet HTML 2Page - National Semiconductor (TI) DM54LS323J Datasheet HTML 3Page - National Semiconductor (TI) DM54LS323J Datasheet HTML 4Page - National Semiconductor (TI) DM54LS323J Datasheet HTML 5Page - National Semiconductor (TI) DM54LS323J Datasheet HTML 6Page - National Semiconductor (TI) DM54LS323J Datasheet HTML 7Page - National Semiconductor (TI) DM54LS323J Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9829
April 1992
DM54LS323DM74LS323
8-Bit Universal ShiftStorage Register
with Synchronous Reset and Common IO Pins
General Description
The ’LS323 is an 8-bit universal shiftstorage register with
TRI-STATE
outputs Its function is similar to the ’LS299
with the exception of Synchronous Reset Parallel load in-
puts and flip-flop outputs are multiplexed to minimize pin
count Separate inputs and outputs are provided for flip-
flops Q0 and Q7 to allow easy cascading Four operation
modes are possible hold (store) shift left shift right and
parallel load All modes are activated on the LOW-to-HIGH
transition of the Clock
Features
Y
Common IO for reduced pin count
Y
Four operation modes shift left shift right parallel load
and store
Y
Separate continuous inputs and outputs from Q0 and
Q7 allow easy cascading
Y
Fully synchronous reset
Y
TRI-STATE outputs for bus oriented applications
Connection Diagram
Dual-In-Line Package
TLF9829 – 1
Order Number DM54LS323J DM54LS323W DM74LS323WM or DM74LS323N
See NS Package Number J20A M20B N20A or W20A
Pin Names
Description
CP
Clock Pulse Input (Active Rising Edge)
DS0
Serial Data Input for Right Shift
DS7
Serial Data Input for Left Shift
S0 S1
Mode Select Inputs
SR
Synchronous Reset Input (Active LOW)
OE1 OE2
TRI-STATE Output Enable Inputs (Active LOW)
IO0 – IO7
Parallel Data Inputs or TRI-STATE
Parallel Outputs
Q0 Q7
Serial Outputs
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DM54LS323J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS32 NSC-DM54LS32 Datasheet
120Kb / 6P
Quad 2-Input OR Gates
logo
Texas Instruments
DM54LS32 TI-DM54LS32 Datasheet
333Kb / 8P
54LS32 DM54LS32 DM74LS32 Quad 2-Input OR Gates
logo
National Semiconductor ...
DM54LS32J NSC-DM54LS32J Datasheet
120Kb / 6P
Quad 2-Input OR Gates
DM54LS32W NSC-DM54LS32W Datasheet
120Kb / 6P
Quad 2-Input OR Gates
More results

Similar Description - DM54LS323J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT323 NSC-54ACT323 Datasheet
197Kb / 8P
8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
ON Semiconductor
MC74AC323 ONSEMI-MC74AC323 Datasheet
302Kb / 8P
8-INPUT UNIVERSAL SHIFT/ STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
NXP Semiconductors
74F323 PHILIPS-74F323 Datasheet
73Kb / 7P
8-bit universal shift/storage register with synchronous reset and common I/O pins 3-State
1990 Mar 01
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74ACT323 FAIRCHILD-74ACT323 Datasheet
55Kb / 6P
8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
74F323 FAIRCHILD-74F323 Datasheet
62Kb / 6P
Octal Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
National Semiconductor ...
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com