Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT28F256T-45PPC Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT28F256T-45PPC
Description  Radiation-Hardened 32K x 8 PROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT28F256T-45PPC Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT28F256T-45PPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT28F256T-45PPC Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
256K PROM
UT ****
*** - * *
* * * *
Total Dose:
( )
=
Total dose characteristics neither tested nor guaranteed
Lead Finish:
(A)
=
Solder
(C)
=
Gold
(X)
=
Optional
Screening:
(C)
=
Mil Temp
(P)
=
Prototype
Package Type:
(P)
=
28-lead DIP (contact factory)
(U)
=
28-lead Flatpack
Access Time:
(40) =
40ns access time, TTL compatible inputs, CMOS/TTL compatible outputs
(45) =
45ns access time, TTL compatible inputs, CMOS/TTL compatible outputs
Device Type Modifier:
(T)
=
TTL compatible inputs and CMOS/TTL compatible outputs
Device Type:
(28F256) =
32Kx8 One Time Programmable PROM
Notes:
1. Lead finish (A,C, or X) must be specified.
2. If an “X” is specified when ordering, then the part marking will match the lead finish and will be either “A” (solder) or “C” (g old).
3. Military Temperature Range flow per UTMC Manufacturing Flows Document. Radiation characteristics are neither tested nor guaranteed and may
not be specified.
4. Prototype flow per UTMC Manufacturing Flows Document. Devices have prototype assembly and are tested at 25
°C only. Radiation characteristics
are neither tested nor guaranteed and may not be specified.
5. Check factory for availability of 45ns part.
6. Lead finish: Factory programming either solder or gold. Field programming gold only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com