Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1180 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1180
Description  Audio Processor with SRS WOW
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1180 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1180 Datasheet HTML 3Page - New Japan Radio NJW1180 Datasheet HTML 4Page - New Japan Radio NJW1180 Datasheet HTML 5Page - New Japan Radio NJW1180 Datasheet HTML 6Page - New Japan Radio NJW1180 Datasheet HTML 7Page - New Japan Radio NJW1180 Datasheet HTML 8Page - New Japan Radio NJW1180 Datasheet HTML 9Page - New Japan Radio NJW1180 Datasheet HTML 10Page - New Japan Radio NJW1180 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NJW1180
– 7 –
s
s
s
s DEFINITION OF I
2C REGISTER
q
q
q
q I
2C BUS FORMAT
MSB
LSB
MSB
LSB
MSB
LSB
S
Slave Address
A
Select Address
A
Data
A
P
1bit
8bit
1bit
8bit
1bit
8bit
1bit
1bit
S: Starting Term
A: Acknowledge Bit
P: Ending Term
q
q
q
q SLAVE ADDRESS
MSB
LSB
1
0
0
0
0
0
1
R/W
R/W=0: Write mode for register setting
R/W=1: Not available
q
q
q
q CONTROL REGISTER TABLE
The select address sets each function (Volume, Balance, AGC, Tone Control, Surround etc.).
The auto-increment function cycles the select address as follows.
00H¡01H¡02H¡03H¡04H¡00H
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
VOL
01H
CHS
BAL
SEL
02H
BCB
BASS
AGC-SW
AGC-FLAT
03H
BCT
TREB
FCS
04H
MODE
TB
SUR
Don't Care
q
q
q
q CONTROL REGISTER DEFAULT VALUE
Control register default value is all “0”.
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
0
0
0
0
0
0
0
0
01H
0
0
0
0
0
0
0
0
02H
0
0
0
0
0
0
0
0
03H
0
0
0
0
0
0
0
0
04H
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com