Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM7607 Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # FM7607
Description  Non-isolated step-down four-stage dimming LED constant current driver IC based on wall switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

FM7607 Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  FM7607 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. FM7607 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
FM7607 文件编号:S&CIC1353)
基于墙壁开关非隔离降压型四段调光
LED 恒流驱动 IC
www.superchip.cn
第
3 页 共 6 页
Version 1.0
典型应用电路 FM7607——36W*2
VCC
OUT1
OUT2
NC
NC
NC
GATE1
GATE2
NC
GND
CS1
CS2
ROVP1
ROVP2
CAP
MODE
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
AC+
AC-
D6
1N60
D7
1N60
D5
C1
C3
C2
C4
C5
R1
R12
R3
R9
R8
R10
R11
L1
L2
SF28
SF28
QB1
QA1
VCC
1N5399
104
10uF
150K
15uF
10uF
100K
1.5mH
1.5mH
1.5R
100K
100K
10uF
C7
R4
150K
FR
VCC
R6
VCC
R2
1.8R
1
3
R5
OUT2+
OUT2-
OUT1+
OUT1-
应用信息
启动
系统上电后,母线电压通过启动电阻对VCC电容充电,当VCC电压达到芯片开启阈值时,芯片内部控制电路开
始工作。FM7607内置17V稳压管,用于钳位VCC电压。芯片正常工作时,需要的VCC电流极低,所以无需辅助绕组供
电。
恒流控制
芯片逐周期检测电感的峰值电流,CS 端连接到内部的峰值电流比较器的输入端,与内部400mV 阈值电压进行
比较,当CS电压达到内部检测阈值时,功率管关断。
电感峰值电流的计算公式为:
其中,RCS为电流采样电阻阻值。
LED输出电流为电感峰值电流的一半,即
调光模式选择
状态一:只有一串灯100%亮度;
状态二:换成另一串灯100%亮度;
状态三:两串灯同时100%亮度;
状态四:两串灯同时50%亮度
MODE脚接高电位时4个状态循环,MODE脚悬空或接地时只在前面三种状态循环。



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com