Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320FST70ZA1F Datasheet(PDF) 9 Page - STMicroelectronics

Part # M28W320FST70ZA1F
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FST70ZA1F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M28W320FST70ZA1F Datasheet HTML 5Page - STMicroelectronics M28W320FST70ZA1F Datasheet HTML 6Page - STMicroelectronics M28W320FST70ZA1F Datasheet HTML 7Page - STMicroelectronics M28W320FST70ZA1F Datasheet HTML 8Page - STMicroelectronics M28W320FST70ZA1F Datasheet HTML 9Page - STMicroelectronics M28W320FST70ZA1F Datasheet HTML 10Page - STMicroelectronics M28W320FST70ZA1F Datasheet HTML 11Page - STMicroelectronics M28W320FST70ZA1F Datasheet HTML 12Page - STMicroelectronics M28W320FST70ZA1F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
9/55
M28W320FST, M28W320FSB, M28W640FST, M28W640FSB
Figure 6. M28W640FST and M28W640FSB Block Addresses
Note: Also see APPENDIX A., Tables 23 and 24 for a full listing of the Block Addresses.
Figure 7. Protection Register Memory Map
AI09911
4 KWords
3FFFFF
3FF000
32 KWords
00FFFF
008000
32 KWords
007FFF
000000
M28W640FST
Top Boot Block Addresses
4 KWords
3F8FFF
3F8000
32 KWords
3F0000
3F7FFF
Total of 8
4 KWord Blocks
Total of 127
32 KWord Blocks
4 KWords
3FFFFF
3F8000
32 KWords
32 KWords
000FFF
000000
M28W640FSB
Bottom Boot Block Addresses
4 KWords
3F7FFF
00FFFF
32 KWords
3F0000
008000
Total of 127
32 KWord Blocks
Total of 8
4 KWord Blocks
007FFF
007000
AI05520b
User Programmable OTP
Unique device number
Protection Register Lock
1
0
8Ch
85h
84h
81h
80h
PROTECTION REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com