Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC128M16IP-EKB Datasheet(PDF) 4 Page - Nanya Technology Corporation.

Part # NT5CC128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M16IP-EKB Datasheet(HTML) 4 Page - Nanya Technology Corporation.

  NT5CC128M16IP-EKB Datasheet HTML 1Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 2Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 3Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 4Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 5Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 6Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 7Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 8Page - Nanya Technology Corporation. NT5CC128M16IP-EKB Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 162 page
background image
Version 2.1
4
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Ordering Information (1)
Organization
Part Number
Package
Speed
Clock (MHz)
Data Rate (Mb/s)
CL-TRCD-TRP
DDR3(L) Commercial Grade
256M x 8
NT5CB256M8IN-DI
78-Ball
800
DDR3-1600
11-11-11
NT5CB256M8IN-EK1
933
DDR3-1866
13-13-13
NT5CB256M8IN-FL
1066
DDR3-2133
14-14-14
NT5CC256M8IN-DI
800
DDR3L-16003
11-11-11
NT5CC256M8IN-EK
933
DDR3L-18663
13-13-13
NT5CC256M8IN-DIB
800
DDR3L-16003
11-11-11
128M x 16
NT5CB128M16IP-DI
96-Ball
800
DDR3-1600
11-11-11
NT5CB128M16IP-EK1
933
DDR3-1866
13-13-13
NT5CB128M16IP-FL
1066
DDR3-2133
14-14-14
NT5CC128M16IP-DI
800
DDR3L-16003
11-11-11
NT5CC128M16IP-EK
933
DDR3L-18663
13-13-13
NT5CC128M16IP-DIB
800
DDR3L-16003
11-11-11
DDR3(L) Industrial Grade
256M x 8
NT5CB256M8IN-DII
78-Ball
800
DDR3-1600
11-11-11
NT5CB256M8IN-EKI
933
DDR3-1866
13-13-13
NT5CC256M8IN-DII
800
DDR3L-16003
11-11-11
NT5CC256M8IN-EKI
933
DDR3L-18663
13-13-13
128M x 16
NT5CB128M16IP-DII
96-Ball
800
DDR3-1600
11-11-11
NT5CB128M16IP-EKI
933
DDR3-1866
13-13-13
NT5CC128M16IP-DII
800
DDR3L-16003
11-11-11
NT5CC128M16IP-EKI
933
DDR3L-18663
13-13-13
DDR3(L) Quasi Industrial Grade
256M x 8
NT5CB256M8IN-DIT
78-Ball
800
DDR3-1600
11-11-11
NT5CB256M8IN-EKT
933
DDR3-1866
13-13-13
NT5CC256M8IN-DIT
800
DDR3L-16003
11-11-11
NT5CC256M8IN-EKT
933
DDR3L-18663
13-13-13
128M x 16
NT5CB128M16IP-DIT
96-Ball
800
DDR3-1600
11-11-11
NT5CB128M16IP-EKT
933
DDR3-1866
13-13-13
NT5CC128M16IP-DIT
800
DDR3L-16003
11-11-11
NT5CC128M16IP-EKT
933
DDR3L-18663
13-13-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com