Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB256M16DP-EKB Datasheet(PDF) 6 Page - Nanya Technology Corporation.

Part # NT5CB256M16DP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB256M16DP-EKB Datasheet(HTML) 6 Page - Nanya Technology Corporation.

Back Button NT5CB256M16DP-EKB Datasheet HTML 2Page - Nanya Technology Corporation. NT5CB256M16DP-EKB Datasheet HTML 3Page - Nanya Technology Corporation. NT5CB256M16DP-EKB Datasheet HTML 4Page - Nanya Technology Corporation. NT5CB256M16DP-EKB Datasheet HTML 5Page - Nanya Technology Corporation. NT5CB256M16DP-EKB Datasheet HTML 6Page - Nanya Technology Corporation. NT5CB256M16DP-EKB Datasheet HTML 7Page - Nanya Technology Corporation. NT5CB256M16DP-EKB Datasheet HTML 8Page - Nanya Technology Corporation. NT5CB256M16DP-EKB Datasheet HTML 9Page - Nanya Technology Corporation. NT5CB256M16DP-EKB Datasheet HTML 10Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 163 page
background image
DDR3(L) 4Gb SDRAM
NT5CB(C)512M8DN / NT5CB(C)256M16DP
Version 2.3
6
Nanya Technology Cooperation ©
02/2017
All Rights Reserved.
NT
NANYA
Technology
5C
Product Family
5C = DDR3 SDRAM
B
512M8
D
N
DI
NANYA Component Part Numbering Guide
Organization ( Depth , Width )
256M 16 = 512M 8 = 4Gb
Note:
M= Mono
Device Version
D = 4
th Version
Speed
DDR 3 SDRAM
Special Type Option
Package Code
RoHS + Halogen Free
N=78 - Ball VFBGA
P=96 -
Interface & Power ( VDD & VDDQ )
B =
SSTL_ 15
(1.5V , 1.5V)
DI = DDR3- 1600 11-11-11
EK= DDR3- 1866 13-13-13
FL = DDR3- 2133 14-14-14
NA = Commercial Grade
T = Quasi Industrial Grade
I = Industrial Grade
H = Automotive Grade2
A = Automotive Grade3
B = Reduced standby
C =
SSTL_135 (1.35V , 1.35V)
Ball VFBGA
Operating frequency
The backward compatibility of each speed grade is listed in a table below. If an application operates at specific frequency
which is not defined herein but within the highest and the lowest supporting grade, then the comparative loose
specifications to DRAM must be adopted from the neighboring defined speed bins. Pls confirm notices with NTC for
operating frequency slower than defined speed bins.
For instance, DRAMs of -FL grade can support not only DDR3-2133 but also low speed bin like DDR3-1866 or DDR3-1600.
In case AP cooperates with DRAM of -FL grade and operates at undefined DDR3-1800 condition, then CL must be set to
13 which is a comparative looser spec than 11. Do the same way for the rest parameters.
Frequency
[Mbps]
CL[nCK]
14
13
11
9 or 10
7 or 8
6
VDD[V]
1.5
1.35
1.5
1.35
1.5
1.35
1.5
1.35
1.5
1.5
DDR3-FL
2133
1866
1600
1333
1066
800
DDR3-EK
N/A
N/A
1866
1600
1333
1066
800
DDR3-DI
N/A
N/A
N/A
1600
1333
1066
800
DDR3L-EK
N/A
1866
1600
1333
1066
800
DDR3L-DI
N/A
N/A
1600
1333
1066
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com