Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6020NSW Datasheet(PDF) 2 Page - Sinopower Semiconductor Inc

Part # SM6020NSW
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM6020NSW Datasheet(HTML) 2 Page - Sinopower Semiconductor Inc

  SM6020NSW Datasheet HTML 1Page - Sinopower Semiconductor Inc SM6020NSW Datasheet HTML 2Page - Sinopower Semiconductor Inc SM6020NSW Datasheet HTML 3Page - Sinopower Semiconductor Inc SM6020NSW Datasheet HTML 4Page - Sinopower Semiconductor Inc SM6020NSW Datasheet HTML 5Page - Sinopower Semiconductor Inc SM6020NSW Datasheet HTML 6Page - Sinopower Semiconductor Inc SM6020NSW Datasheet HTML 7Page - Sinopower Semiconductor Inc SM6020NSW Datasheet HTML 8Page - Sinopower Semiconductor Inc SM6020NSW Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SM6020NSW
www.sinopowersemi.com
2
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.1 - March, 2014
®
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Common Ratings (TA=25°C Unless Otherwise Noted)
VDSS
Drain-Source Voltage
63
VGSS
Gate-Source Voltage
±25
V
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
IS
Diode Continuous Forward Current
TC=25°C
40
IDP
300μs Pulse Drain Current Tested
TC=25°C
300
TC=25°C
80
a
ID
Continuous Drain Current
TC=100°C
80
a
A
TC=25°C
166
PD
Maximum Power Dissipation
TC=100°C
66
W
RqJC
Thermal Resistance-Junction to Case
0.75
RqJA
Thermal Resistance-Junction to Ambient
62.5
°C/W
EAS
b
Avalanche Energy, Single Pulsed
450
mJ
Note a:Current limited by bond wire.
Note b:Starting TJ=25°C, L=1mH, IAS=30A, VDD=50V, VGS=10V
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250mA
63
-
-
V
VDS=48V, VGS=0V
-
-
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
30
mA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250mA
2
3
4
V
IGSS
Gate Leakage Current
VGS=±25V, VDS=0V
-
-
±100
nA
RDS(ON)
c
Drain-Source On-state Resistance
VGS=10V, IDS=40A
-
3.7
4.5
m
W
Diode Characteristics
VSD
c
Diode Forward Voltage
ISD=20A, VGS=0V
-
0.8
1.3
V
trr
Reverse Recovery Time
-
42
-
ns
Qrr
Reverse Recovery Charge
IDS=40A, dlSD/dt=100A/ms
-
62
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com