Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2LFS Datasheet(PDF) 3 Page - Mixed Signal Integration

Part # MS2LFS
Description  Dual Selectable Low Voltage Lowpass/Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MS2LFS Datasheet(HTML) 3 Page - Mixed Signal Integration

  MS2LFS Datasheet HTML 1Page - Mixed Signal Integration MS2LFS Datasheet HTML 2Page - Mixed Signal Integration MS2LFS Datasheet HTML 3Page - Mixed Signal Integration MS2LFS Datasheet HTML 4Page - Mixed Signal Integration MS2LFS Datasheet HTML 5Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dual Selectable Low Voltage Lowpass/Bandpass Filter
Data Sheet
09/2014
Pin Configuration
Web Site “www.mix-sig.com”
© 2000-2014 Mixed Signal Integration 3
Pin Description________________
1. IN B
Filter Input B
2. VDD
Positive Power Supply, typically
1.2 Volts for Single Supply
3. CTVL
Activate or Disable Boost Circuit
Disable = 0, Activate = 1
4. PDA
Power Down Filter A
5. PD MIC
Power Down Mic Amp
6. PD OUTB
Power Down Output B
7. NC
8. CLK
Clock Input
9. NC
10.PWR
Sets Bias Current for Filter Stages
Lo=low power, Hi=normal power
11. NC
12. OUT A
Filter Output A
13. BYP
Bypass Capacitor for Boost Circuit,
voltage at this pin is negative in
relation to VSS, tie positive side of
polarized cap to VSS
14. VSS
Ground Pin, 0 Volts
for Single Supply
15. TYPE A
Filter Response Select Pin for Filter A
16. GND1
AC Ground, decouple with 0.1 uF to
VSS
17. VREF
Reference Voltage, internally
generated, typically VDD/2.2 for
Single Supply Operation, decouple
with 0.1 uF to VSS
18. MIC IN
Input of MIC Amp
19. MIC OUT
Output to MIC Amp
20. FSEL A
Selects Filter.
0 = Low Pass, 1 = Band Pass
21. TYPE B
Filter Response Select Pin for Filter B
22. FO B
Clock to Corner Select Pin
for Filter B
23. OUT B
Filter B Output
180 degrees out of phase from
OUT B
24. FO A
Clock to Corner Select Pin
for Filter A
25. OUT B
Filter B Output
26. GAIN A
Filter A, Gain Select Pin
27. PD B
Power Down, Filter B
28. FSEL B
Selects Filter
0 = Low Pass, 1 = Band Pass



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com