Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSDETC Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSDETC
Description  Tone Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSDETC Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSDETC Datasheet HTML 1Page - Mixed Signal Integration MSDETC Datasheet HTML 2Page - Mixed Signal Integration MSDETC Datasheet HTML 3Page - Mixed Signal Integration MSDETC Datasheet HTML 4Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tone Dettecttor
Datta Sheett
PARAMETER
SYMBOL
CONDITIONS
MIN TYP
MAX
UNITS
DC Specifications
Operating Voltage
VDD
2.7
5.5
V
Supply Current
IDD
0.2
0.6
2.0
mA
Digital Outputs levels
0.5
VDD-0.5
VDC
Internal Voltage Reference
VREF
1.21 VDD.0.5
VDC
AC Specifications
Input Tone Voltage
10
50
1000
mVp-p
FSK Input Impedance
10
24
kohms
VCO Minimum Frequency
R = 100 kohms C = 22 uF
1
Hz
VCO Maximum Frequency
R = 10 kohms C= 470 pF
90
kHz
VCO Loop Gain
8
Radians/Sec/V
Phase Comparator Gain
2
V/Radians
Electrricaal Chaarraacterristics
(VDD = 5.0V, T = 25o C)
©2004-2
2014 Mixeed Signal Inteegratioon
2
Weeb Sitee ““www.mix-ssig.coom””
Prrinciples of Operraation
The VCO in the MSDET oscillates at twice the
detected frequency. The formula used for the tone
detection is:
fVCO = 1/(3.35.R.C)
Internal flip-flops generate the quadrature clock need-
ed for both FSK detection and coherent carrier
detect.
This is fed to two phase comparators.
The QOUT of the MSDET is filtered and tied to
VIN to close the loop and allow the phase error to
control the VCO frequency.
With all analog PLLs there is a tendency to lock to
third-harmonic of the desired tone.
By using exter-
nal filters and coupling capacitors, this characteristic
can be minimized. The application schematic of the
MSDET shows a low-value input coupling capacitor
applying received signals to the input gain stage.
This reduces sub-harmonic lock.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
16
15
VREF
CVIN
QOUT
LOUT
NC4
NC5
NC6
VDD
R
IN
LPOUT
LPIN
DIN
DOUT
VSS
6/2014



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com