Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSELPP Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSELPP
Description  Switched Capacitor Elliptic Lowpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSELPP Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSELPP Datasheet HTML 1Page - Mixed Signal Integration MSELPP Datasheet HTML 2Page - Mixed Signal Integration MSELPP Datasheet HTML 3Page - Mixed Signal Integration MSELPP Datasheet HTML 4Page - Mixed Signal Integration MSELPP Datasheet HTML 5Page - Mixed Signal Integration MSELPP Datasheet HTML 6Page - Mixed Signal Integration MSELPP Datasheet HTML 7Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Switched Capacitor Elliptic Lowpass Filter
Data Sheet
4/2004
Electrical Characteristics_______
(VDD = +5.0V, T = 25 C)
o
Web Site “www.mix-sig.com”
© 2004 Mixed Signal Integration 2
PARAMETER
SYMBOL
CONDTIONS
MIN
TYP
MAX
UNITS
DC Specifications
Operating Voltage
VDD
2.7
5.5
V
Supply Current
IDD
PS = 0.5 State
0.2
0.6
1.0
mA
PS = 1 State
0.8
1.0
2.0
mA
PS = 0 State
50
250
400
uA
AC Specifications
Gain
Av
Fclk = 250 kHz
-1.00
0
1.00
dB
Maximum Corner Frequency
fo max
PS = 0.5 State
3
5
kHz
PS = 1 State FO=HIGH
10
20
Clock Feedthrough
Pedestal to Pedestal
- Filter Output
Fclk = 1 MHz
10
mV (p-p)
- Op Amp 1 Output
10
mV (p-p)
- Op Amp 2 Output
10
mV (p-p)
Clock to Corner
fCLK/fo
External Clock, FO = LOW 99
100
101
Hz/Hz
External Clock, FO = HIGH 49
50
51
Hz/Hz
Offset Voltage
20
100
mV
Output Voltage Swing
PS = 1 State, FO = LOW 3.5
4.0
V p-p
Dynamic Range
82
dB
Op Amp Specifications
Input Offset Voltage
Vos
10
mV
Output Voltage Swing
4.5
Vp-p
Slew Rate
6
V/uS
DC Gain
70
dB
Gain Bandwidth
bw
1.2
MHz
Level Shift Threshold
VTL-to-VTH
1.1
1.3
1.7
V
VTH-to-VTL
3.3
3.8
4.3
V
VTL-to-VTH VDD = 2.7V
0.75
0.85
0.95
V
VTH-to-VTL VDD = 2.7V
1.5
1.8
2.1
V
Power Select Pin Operation
State 1 High Power
PS
Voltage on PS Pin
VDD
V
State 0.5 Low Power
GND
V
State 0 Power Down
See note
VSS
V
Note: In external clock mode only. Power down is not available in on chip oscillator mode.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com