Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSFB3G Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSFB3G
Description  Bandwidth/Gain Selectable Bandpass Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSFB3G Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSFB3G Datasheet HTML 1Page - Mixed Signal Integration MSFB3G Datasheet HTML 2Page - Mixed Signal Integration MSFB3G Datasheet HTML 3Page - Mixed Signal Integration MSFB3G Datasheet HTML 4Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2015 Mixed Signal Integration
www.mix-ssig.coom
MSFB1G, MSFB3BG, MSFB5G, MSFB6G
Bandwidth/Gain Selectable Bandpass
Filter
Data Sheet
EElleeccttrriiccaall C
Chhaarraacctteerriissttiiccss
VDD=+3.0V, T=25
oC, unless otherwise noted
PPaarraam
meetteerr
SSyym
mbbooll
M
Miinn
TTyypp
M
Maaxx
U
Unniittss
N
Nootteess
D
DC
C SSppeecciiffiiccaattiioonnss
Operating Voltage
VDD
2.7
3.0
5.5
V
Supply Current
IDD
200
300
μA
MSFB3G/6G
1
1.5
mA
MSFB1G/5G
Reference Voltage Output
VREF
1.5
V
A
AC
C SSppeecciiffiiccaattiioonnss
Gain Accuracy
GA
-0.5
0
0.5
dB
From selected value
Noise
en
200
μVrms To ½ sample
Distortion
THD
-72
dB
A weighted
VIN0
4
Vpp
Gain=0dB; VDD=5V
Input Voltage
VIN10
1.25
Vpp
Gain=10dB;VDD=5V
VIN20
0.4
Vpp
Gain=20dB;VDD=5V
Input Impedance
ZIN
1M
Ω
fO=350 kHz
Output Voltage Range
VOUT 0.5
4.5
V
Output Drive
IO
300
μA
Output Impedance
ZO
500
Ω
Output Capacitive Load
CMAX
20
pF
Clock to Center Ratio
CCR
50
MSFB1G/3G
100
MSFB5G/6G
Center Frequency Range
CFR
0.0001
3
kHz
MSFB3G/6G
0.0001
20
kHz
MSFB1G/5G
Ripple
Full Octave
RFO
0.2
dB
Third Octave
RTO
0.2
dB
Sixth Octave
RSO
0.2
dB
40 dB Bandwidth
Full Octave
BWFO
0.3
3
Hz
Normalized Fo
Third Octave
BWTO
0.6
1.67
Hz
Normalized Fo
Sixth Octave
BWSO 0.76
1.32
Hz
Normalized Fo
Bandpass Q
Full Octave
Q
1.5
Third Octave
Q
4.5
Sixth Octave
Q
9
Rev. 1.0 10/2015
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com