Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSFB5G Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSFB5G
Description  Bandwidth/Gain Selectable Bandpass Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSFB5G Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSFB5G Datasheet HTML 1Page - Mixed Signal Integration MSFB5G Datasheet HTML 2Page - Mixed Signal Integration MSFB5G Datasheet HTML 3Page - Mixed Signal Integration MSFB5G Datasheet HTML 4Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Descrription
The MSFBxG series of selectable filter ICs can be
configured as 6 pole full, third or sixth octave
response bandpass filter.
The devices utilize low
power and high precision Switched-Capacitor Filter
(SCF) techniques that require only an external
clock to set the corner frequencies for the low-
pass filters. No external components (except for
decoupling capacitors) are required.
The MSFB1G and MSFB3G are 50:1 clock to
corner ratio bandpass filters for corner frequencies
of up to 20 kHz and 3 kHz, respectively.
The MSFB5G and MSFB6G are 100:1 clock to
corner ratio bandpass filters for corner frequencies
of up to 20 kHz and 3 kHz, respectively.
Externally selectable gain setting pin and filter
response select pin are included. The devices are
packaged in a small 8-lead 4x4x0.9 mm VDFN
package, making them very suitable for space
constrained designs.
Absolute Maaximum Raatings
Power Supply Voltage
+6V
Storage Temperature Range
-60o to +150o C
Operating Temperature Range
-40o to +85o C
Feaaturres
Low Voltage Operation down to 2.7V
Three Distinct Filter Types in One Package
Adjustable Gain Settings: 0, 10 or 20 dB
No External Components
High Precision Switched-Capacitor Filters
Low Power Ideal for Battery Operated Applications
Small Package Size
·
Applicaations
Spectrum Analyzers
General Purpose Telecom or Telephony
Portable Systems
Anti-Alias Filters
Reconstruction Filters
Tracking Filters
Harmonic Analysis
Noise Analysis
Sensors and MEMS
Distortion Analysis
MSFB1G, MSFB3G, MSFB5G, MSFB6G
Bandwidth/Gain Selectable Bandpass
Filter
Data Sheet
© 2015 Mixed Signal Integration
www.mix-ssig.com
In
OUT
Out
Gain
G
Type
Clk
Filter 2
Adjustable
Gain
Filter 1
Filter 3
Rev 1.0
10/2015
1
Figure 1 - Block Diagram


Similar Part No. - MSFB5G

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
MSFB12-85-026K0 KSS-MSFB12-85-026K0 Datasheet
151Kb / 1P
AMPS-IF
MSFB22-155-155K0 KSS-MSFB22-155-155K0 Datasheet
194Kb / 1P
Fiber Optics Communication 155.52MHz, 622.08MHz
MSFB22-622-622K0 KSS-MSFB22-622-622K0 Datasheet
194Kb / 1P
Fiber Optics Communication 155.52MHz, 622.08MHz
MSFB27-183-022K8 KSS-MSFB27-183-022K8 Datasheet
144Kb / 1P
AMPS-IF
MSFB39-210-001M0 KSS-MSFB39-210-001M0 Datasheet
149Kb / 1P
PCS-cdmaOne-IF
More results

Similar Description - MSFB5G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855912 TRIQUINT-855912 Datasheet
58Kb / 1P
170.600 MHz Bandpass Filter 180kHz Bandwidth
logo
Integrated Circuit Syst...
SF0280BA01984S ICST-SF0280BA01984S Datasheet
81Kb / 2P
280 MHz Bandpass Filter 17 MHz bandwidth
Rev X10
logo
Frequency Devices, Inc.
VM16FFFA FREQUENCYDEVICES-VM16FFFA Datasheet
188Kb / 2P
Fixed Frequency Filter with Selectable Gain VME Board
logo
Oscilent Corporation
820-IF221.288M-D OSCILENT-820-IF221.288M-D Datasheet
124Kb / 4P
221.288 MHz Bandpass Filter 7.08MHz Bandwidth
logo
TriQuint Semiconductor
854656 TRIQUINT-854656_15 Datasheet
43Kb / 1P
70 MHz Bandpass Filter 3 MHz Bandwidth
855748 TRIQUINT-855748_15 Datasheet
32Kb / 1P
36.15 MHz Bandpass Filter 8 MHz Bandwidth
logo
Analog Devices
HMC6301 AD-HMC6301 Datasheet
725Kb / 24P
Programmable baseband gain and filter bandwidth
Rev. A
logo
Mixed Signal Integratio...
MS2LFS MSI-MS2LFS Datasheet
188Kb / 5P
Dual Selectable Low Voltage Lowpass/Bandpass Filter
MSFS MSI-MSFS Datasheet
96Kb / 8P
Selectable Lowpass/Bandpass Filter
MSLFS MSI-MSLFS Datasheet
205Kb / 8P
Selectable Low Voltage Lowpass/Bandpass Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com