Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSFS Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSFS
Description  Selectable Lowpass/Bandpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSFS Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSFS Datasheet HTML 1Page - Mixed Signal Integration MSFS Datasheet HTML 2Page - Mixed Signal Integration MSFS Datasheet HTML 3Page - Mixed Signal Integration MSFS Datasheet HTML 4Page - Mixed Signal Integration MSFS Datasheet HTML 5Page - Mixed Signal Integration MSFS Datasheet HTML 6Page - Mixed Signal Integration MSFS Datasheet HTML 7Page - Mixed Signal Integration MSFS Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Selectable Lowpass/Bandpass Filter
Data Sheet
03/2001
Description
The selectable lowpass/bandpass filter IC Is a
CMOS chip that can be configured for either a
lowpass or a bandpass filter. The lowpass
response can be a 7 pole Butterworth, Elliptic
or Bessel filter. The band pass response can be
a six pole full, third or sixth octave bandpass
filter. The device uses switched-capacitor fil-
ters and no external components (except for
decoupling capacitors) are required, Only an
external CMOS level clock is needed.
A four input multiplexor and externally selecta-
ble gain setting pin, along with a power down
and clock to corner ratio select pin are included
in the 16 pin version. An 8 pin version is also
available for PC board area savings. Typical
current consumption is as low as 200 uA and
the minimum operating voltage is 2.7 volts,
making the device ideal for portable applica-
tions. MSFS3, MSFS4 and MSFS6 are low cur-
rent, lower frequency versions.
Features
Six Filter Types In One Package
No External Components
Switched-Capacitor Filters
Low Power Operation
Low Voltage Operation
Input Multiplexor
Adjustable Gain 0, 10 or 20 dB
Small Package Size
Low Cost
On Chip Power Save Pin
ANSI Compatible Bandpass
Applications
Spectrum Analyzers
General Purpose Systems
Portable Systems
Anti-Alias Filters
Reconstruction Filters
Telecommunications
Tracking Filters
Harmonic Analysis
Noise Analysis
Data Communication
Wireless Applications
Lowpass Responses
Bandpass Responses
Web Site “www.mix-sig.com”
© 2001 Mixed Signal Integration 1


Similar Part No. - MSFS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSF SCHURTER-MSF Datasheet
505Kb / 3P
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
logo
Conquer Electronics Co....
MSF CONQUER-MSF Datasheet
231Kb / 1P
8.35 x 4.3 x 7.7 mm
logo
Interpoint Corporation ...
MSF-461 INTERPOINT-MSF-461 Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
MSF-461/ES INTERPOINT-MSF-461/ES Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
logo
Adam Technologies, Inc.
MSF-G ADAM-TECH-MSF-G Datasheet
71Kb / 1P
MINI JUMPER CLOSED TYPE
More results

Similar Description - MSFS

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
logo
Mixed Signal Integratio...
MS2LFS MSI-MS2LFS Datasheet
188Kb / 5P
Dual Selectable Low Voltage Lowpass/Bandpass Filter
MSFB1-6G MSI-MSFB1-6G Datasheet
111Kb / 4P
Bandwidth/Gain Selectable Bandpass Filter
MSLFS MSI-MSLFS Datasheet
205Kb / 8P
Selectable Low Voltage Lowpass/Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com