Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSFS2P Datasheet(PDF) 5 Page - Mixed Signal Integration

Part # MSFS2P
Description  Selectable Lowpass/Bandpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSFS2P Datasheet(HTML) 5 Page - Mixed Signal Integration

  MSFS2P Datasheet HTML 1Page - Mixed Signal Integration MSFS2P Datasheet HTML 2Page - Mixed Signal Integration MSFS2P Datasheet HTML 3Page - Mixed Signal Integration MSFS2P Datasheet HTML 4Page - Mixed Signal Integration MSFS2P Datasheet HTML 5Page - Mixed Signal Integration MSFS2P Datasheet HTML 6Page - Mixed Signal Integration MSFS2P Datasheet HTML 7Page - Mixed Signal Integration MSFS2P Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Selectable Lowpass/Bandpass Filter
Data Sheet
03/2001
Web Site “www.mix-sig.com”
© 2001 Mixed Signal Integration 5
BU_BE_EL_FL_3_6
SELECT3_4
0_10_20dB
5V
VCC
POWERDOWN
50_100
C1
100nF
SELECT_1_2
FILTER_OUTPUT
LOWPASS_BANDPASS
R1
47kohm
R2
47kohm
C2
100nF
INPUT_4
INPUT_3
INPUT_2
INPUT_1
C3
100nF
C4
100nF
C5
100nF
C6
100nF
V1
1MHz 5V
X1
MSFS2_4
TYPE
S2
CLK
G
VDD
PD
VSS
FO
S1
OUT
FSEL
IN4
IN3
IN2
IN1
GND
Typical Application-Single Supply Operation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com