Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM3182S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RM3182S
Description  ARINC 429 Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM3182S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  RM3182S Datasheet HTML 1Page - List of Unclassifed Manufacturers RM3182S Datasheet HTML 2Page - List of Unclassifed Manufacturers RM3182S Datasheet HTML 3Page - List of Unclassifed Manufacturers RM3182S Datasheet HTML 4Page - List of Unclassifed Manufacturers RM3182S Datasheet HTML 5Page - List of Unclassifed Manufacturers RM3182S Datasheet HTML 6Page - List of Unclassifed Manufacturers RM3182S Datasheet HTML 7Page - List of Unclassifed Manufacturers RM3182S Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PRODUCT SPECIFICATION
RM3182
7
Mechanical Dimensions (continued)
28 Terminal Leadless Chip Carrier (LCC)
DETAIL "A"
B1
A1
A
D2
(j) x 45
°
L1
L2
DETAIL "A"
E
LID
See Note 1
Index Corner
D
(h) x 45
°
3 PLCS
4
B3
L3
PLANE 2
PLANE 1
A
.060
.100
1.52
2.54
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.050
.088
1.27
2.24
B1
.022
.56
.028
.71
B3
.006
.022
.15
.56
D1/E1
D2/E2
e
.050 BSC
1.27 BSC
h
.040 REF
1.02 REF
.020 REF
.51 REF
7
7
28
28
.300 BSC
7.62 BSC
.150 BSC
3.81 BSC
j
3, 6
3, 6
2
2, 5
4
4
5
L1
L2
ND/NE
N
L3
.015
.38
.003
.08
D/E
.442
.460
11.23
11.68
.045
.055
1.14
1.40
.075
.095
1.91
2.41
Notes:
1.
2.
3.
4.
5.
6.
The index feature for terminal 1 identification, optical orientation or
handling purposes, shall be within the shaded index areas shown on
planes 1 and 2. Plane 1 terminal 1 identification may be an extension
of the length of the metallized terminal which shall not be wider than
the B1 dimension.
Unless otherwise specified, a minimum clearance of .015 inch
(0.38mm) shall be maintained between all metallized features
(e.g., lid, castellations, terminals, thermal pads, etc.).
Dimension "A" controls the overall package thickness. The maximum
"A" dimension is the package height before being solder dipped.
The corner shape (square, notch, radius, etc.) may vary at the
manufacturer's option, from that shown on the drawing. The index
corner shall be clearly unique.
Dimension "B3" minimum and "L3" minimum and the appropriately
derived castellation length define an unobstructed three dimensional
space traversing all of the ceramic layers in which a castellation was
designed. Dimension "B3" maximum and "L3" maximum define the
maximum width and depth of the castellation at any point on its
surface. Measurement of these dimensions may be made prior to
solder dripping.
Chip carriers shall be constructed of a minimum of two ceramic layers.
e
D1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com