Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM3183 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RM3183
Description  Dual ARINC 429 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM3183 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RM3183 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM3183 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RM3183
PRODUCT SPECIFICATION
2
Functional Description
The RM3183 contains two discrete ARINC 429 receiver
channels. Each channel contains three main sections: a
resistor-diode input network, a window comparator, and a
logic output buffer stage. The first stage provides overvolt-
age protection and biases the signal using voltage dividers
and current sources which are internally connected to the
+VL logic supply. This configuration provides excellent
input common mode rejection and a stable reference voltage
for the window comparators. Because the threshold for
switching is determined by this circuitry,
±5% tolerance is
recommended for the +VL supply. The test inputs will set the
outputs to a predetermined state for built-in test capability.
The ARINC inputs must be forced to 0V when using the test
inputs. If the test inputs are not used, they should be
grounded.
The window comparator stage generates two serial data
streams, one having logic 1 states corresponding to ARINC
“High” states (OUTA), and the other having logic 1 states
corresponding to ARINC “Low” states (OUTB). An ARINC
“Null” state at the inputs forces both outputs to logic 0.
Thus, the ARINC clock signal is recovered by applying a
NOR function to OUTA and OUTB.
The output stage generates a TTL compatible logic output
capable of driving several gate inputs.
Pin Assignments
Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Supply Voltage
+VS
+20
VDC
–VS
–20
VDC
+VL
+7
VDC
Operating Temperature Range
-55
+125
°C
Storage Temperature Range
-65
+150
°C
Input Voltage Range
±50
V
Output Short Circuit Duration
Not protected
Internal Power Dissipation
900
mW
Lead Soldering Temperature (60 seconds)
+300
°C
20
2
3
4
5
6
7
8
9
10
-VS
TestA
Ceramic Dip
Top View
Cap2B
In2B
Out2B
In2A
Cap2A
Out2A
+VL
NC
11
12
13
14
15
16
17
18
19
TestB
+VS
Out1B
NC
GND
Out1A
In1B
Cap1B
In1A
Cap1A
65-3183-02
65-3183-03
4
5
6
7
8
In2B
Out2B
In2A
Cap2A
Out2A
14
15
16
17
18
GND
Out1A
In1B
Cap1B
In1A
LCC
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com