Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLSA Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSLSA
Description  Low Power Spectrum Analyzer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSLSA Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSLSA Datasheet HTML 1Page - Mixed Signal Integration MSLSA Datasheet HTML 2Page - Mixed Signal Integration MSLSA Datasheet HTML 3Page - Mixed Signal Integration MSLSA Datasheet HTML 4Page - Mixed Signal Integration MSLSA Datasheet HTML 5Page - Mixed Signal Integration MSLSA Datasheet HTML 6Page - Mixed Signal Integration MSLSA Datasheet HTML 7Page - Mixed Signal Integration MSLSA Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX
UNITS
------------------------------------------------------------------------------------------------------------------------------------------------------------
DC Specifications
------------------------------------------------------------------------------------------------------------------------------------------------------------
Operating Voltage
VDD
3.0
5.0
5.5
V
------------------------------------------------------------------------------------------------------------------------------------------------------------
Supply Current
IDD
PD=0V
2
mA
------------------------------------------------------------------------------------------------------------------------------------------------------------
Output Current
IO
RL = 100 K
Ω
1.0
mA
------------------------------------------------------------------------------------------------------------------------------------------------------------
Supply Current
IDD
PD=0.5VDD
5
mA
------------------------------------------------------------------------------------------------------------------------------------------------------------
Output Current
IO
RL = 100 K
Ω
1.0
mA
------------------------------------------------------------------------------------------------------------------------------------------------------------
Power Down Current
IPD
PD=VDD
400
μA
------------------------------------------------------------------------------------------------------------------------------------------------------------
AC Specifications
------------------------------------------------------------------------------------------------------------------------------------------------------------
Output Impedance
Zo
500
Ω
------------------------------------------------------------------------------------------------------------------------------------------------------------
Clock to Corner Ratio
fclk/fcnr
Filter 1
89.08
Hz/Hz
Clock to Corner Ratio
fclk/fcnr
Filter 2
79.36
Hz/Hz
------------------------------------------------------------------------------------------------------------------------------------------------------------
Clock to Corner Ratio
fclk/fcnr
Filter 3
70.62
Hz/Hz
------------------------------------------------------------------------------------------------------------------------------------------------------------
Clock to Corner Ratio
fclk/fcnr
Filter 4
63
Hz/Hz
------------------------------------------------------------------------------------------------------------------------------------------------------------
Clock to Corner Ratio
fclk/fcnr
Filter 5
56.12
Hz/Hz
------------------------------------------------------------------------------------------------------------------------------------------------------------
Clock to Corner Ratio
fclk/fcnr
Filter 6
50
Hz/Hz
------------------------------------------------------------------------------------------------------------------------------------------------------------
Maximum Center Frequency
fcenter
Filter 6 Output
2
MHz
-----------------------------------------------------------------------------------------------------------------------------------------------------------
Maximum Center Frequency
fcenter
Filter 6 PD=1/2 VDD
0.1
MHz
------------------------------------------------------------------------------------------------------------------------------------------------------------
Ripple
0.2
dB
-----------------------------------------------------------------------------------------------------------------------------------------------------------
Input Offset Voltage
VOS
3.3
mV
------------------------------------------------------------------------------------------------------------------------------------------------------------
40 dB Bandwidth
Normalized Fo
0.76
1.32
------------------------------------------------------------------------------------------------------------------------------------------------------------
Filter Q
Q
9
Unity Gain Bandwidth
BW
PD=1/2 VDD
6
MHz
Electrical Characteristics
(VDD = +5.0V, T = 25 C)
Weeb Sitee ““www.mix-ssig.coom””
©2007-2
2017
Mixeed Signal Inteegratioon 2
6/2017
Low Power Spectrum Analyzer
Data Sheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com