Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSHFS3S Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSHFS3S
Description  Selectable High Frequency LP/BP Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSHFS3S Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSHFS3S Datasheet HTML 1Page - Mixed Signal Integration MSHFS3S Datasheet HTML 2Page - Mixed Signal Integration MSHFS3S Datasheet HTML 3Page - Mixed Signal Integration MSHFS3S Datasheet HTML 4Page - Mixed Signal Integration MSHFS3S Datasheet HTML 5Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Selectable High Frequency LP/BP Filter
Data Sheet
7/2016
Electrical Characteristics_______
(VDD = +5.0V, T = 20 C)
o
note 1: Sample rate ratio is 2X clock to corner ratio.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC Specifications
Operating Voltage
VDD
4.0
5.0
5.5
V
Supply Current
IDD
MSHFS1, MSHFS2, MSHFS5
24
30
mA
Supply Current
IDD
MSHFS3, MSHFS4, MSHFS6
4
9
mA
Supply Current in Power
Down Mode
IDD
200
uA
AC Specifications
Gain
Av
-0.5
0
0.5
dB
Noise
en
To 1/2 Sample
350
uVrms
Distortion
THD
A weighted
-61
dB
Signal Swing
1 kHz
3.5
4.0
V p-p
Input Impedance
ZIN
1.0
Mohm
Output Drive
Io
400
uA
Output Impedance
Zo
500
ohm
Output Capacitive Load
20
pF
Clock to Corner
MSHFS5, MSHFS6
12.5
Clock to Corner
MSHFS1, MSHFS3
6.25
Clock to Corner
MSHFS2, MSHFS4, Fo=1
12.5
Clock to Corner
MSHFS2, MSHFS4, Fo=0
6.25
Center Frequency Range
Fo
MSHFS1, MSHFS2, MSHFS5
0.00001
3
MHz
Center Frequency Range
Fo
MSHFS3, MSHFS4, MSHFS6
0.00001
1
MHz
Ripple
Elliptic Lowpass
0.2
dB
Full Octave
0.2
dB
Third Octave
0.2
dB
Sixth Octave
0.2
dB
Stop Band Rejection
Elliptic Lowpass
70
dB
Bessel Lowpass
60
dB
40 dB Bandwidth
Full Octave
Normalized Fo
0.3
3
Third Octave
Normalized Fo
0.6
1.67
Sixth Octave
Normalized Fo
0.76
1.32
Bandpass Q
Full Octave Q
Q
1.5
Third Octave
Q
4.5
Sixth Octave
Q
9
© 2000-2016 Mixed Signal Integration 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com