Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLE5MP Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSLE5MP
Description  Switched Capacitor General Purpose Lowpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSLE5MP Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSLE5MP Datasheet HTML 1Page - Mixed Signal Integration MSLE5MP Datasheet HTML 2Page - Mixed Signal Integration MSLE5MP Datasheet HTML 3Page - Mixed Signal Integration MSLE5MP Datasheet HTML 4Page - Mixed Signal Integration MSLE5MP Datasheet HTML 5Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Switched Capacitor General Purpose Lowpass Filter
Data Sheet
5/2015
Description
The general purpose lowpass filter is a 5 pole
filter made in CMOS technology. It uses a
switched capacitor filter implementation. No
external components are necessary to set the
filter characteristics. The cutoff frequency of
the lowpass filter is selectable based on the
clock frequency. The clock to cutoff frequency
ratio can be selected at either 50:1 or 100:1
by using the Clock to Corner Select pin. Either
an external clock or the on-chip oscillator can
be used. Two popular filter responses are
available - elliptic (E) and Butterworth (B). Low
frequency versions (L) have a maximum corner
frequency of 5 kHz. Medium frequency ver-
sions (M) have a maximum corner frequency of
20 kHz. Parts are packaged in either DIP or SO-
IC.
Features
No response setting resistors
Plastic DIP or S.O. packages available
Switched Capacitor Filters
3.3 or 5 Volts Operation
Operates from internal or external clock
Elliptic or Butterworth responses
Applications
Instrumentation
Telecommunications
Anti-Alias Filters
General Purpose Low-Pass Filters
Absolute Maximum Ratings
+6V Power Supply Voltage
-60 to +150
C Storage Temperature
0 to 70
C Operating Temperature
Ordering Information
Part
Type
Package
Operating
Number
Tempera-
tures
MSLE5LP Elliptic
8 Pin DIP
0 to 70
C
MSLE5LS Elliptic
8 PIN SOIC
0 to 70
C
MSLE5MP Elliptic
8 PIN DIP
0 to 70
C
MSLE5MS Elliptic
8 PIN SOIC
0 to 70
C
MSLB5LP Butterworth 8 PIN DIP
0 to 70
C
MSLB5LS Butterworth 8 PIN SOIC 0 to 70
C
MSLB5MP Butterworth 8 PIN DIP
0 to 70
C
MSLB5MS Butterworth 8 PIN SOIC 0 to 70
C
Web Site “www.mix-sig.com”
© 2015 Mixed Signal Integration 1


Similar Part No. - MSLE5MP

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154BV UOT-MSL-154BV Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154DR UOT-MSL-154DR Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-154G UOT-MSL-154G Datasheet
34Kb / 2P
Surface Mount Chip LEDs
More results

Similar Description - MSLE5MP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
MF6 NSC-MF6 Datasheet
861Kb / 20P
6th Order Switched Capacitor Butterworth Lowpass
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
logo
Mixed Signal Integratio...
MSELP MSI-MSELP Datasheet
294Kb / 7P
Switched Capacitor Elliptic Lowpass Filter
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com