Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSHFS5S Datasheet(PDF) 4 Page - Mixed Signal Integration

Part # MSHFS5S
Description  Selectable High Frequency LP/BP Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSHFS5S Datasheet(HTML) 4 Page - Mixed Signal Integration

  MSHFS5S Datasheet HTML 1Page - Mixed Signal Integration MSHFS5S Datasheet HTML 2Page - Mixed Signal Integration MSHFS5S Datasheet HTML 3Page - Mixed Signal Integration MSHFS5S Datasheet HTML 4Page - Mixed Signal Integration MSHFS5S Datasheet HTML 5Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Selectable High Frequency LP/BPFilter
Data Sheet
7/2016
Block Diagram________________
SCF
Section
One
4
Input
MUX
Filter
and
Clock
Select
(TYPE, FSEL, Fo)
SCF
Section
Buffer
Adjustable
Gain
IN1
IN2
IN3
IN4
G
Out
o
S1
S2
Input Selection
The input is selected using the Input Select Pins
S1 and S2.
S2
S1
Input
0
0
1
0
1
2
1
0
3
1
1
4
Digital Levels
All the clock and control pins (except FSEL,
CLK and G) are referenced between GND and
VDD. In single supply applications, the digital
levels should be CMOS levels from VSS to
VDD. In dual supply systems, the digital levels
should be CMOS levels from GND to VDD.
Absolute Maximum Ratings
Power Supply Voltage
+6V
Storage Temperature
-60 to +150 C
Operating Temperature
-40 to
+85 C
Part Number
Package
Operating Temperature
-40 - 85 C
-40 - 85 C
-40 - 85 C
-40 - 85 C
-40 - 85 C
-40 - 85 C
-40 - 85 C
-40 - 85 C
-40 - 85 C
-40 - 85 C
-40 - 85 C
-40 - 85 C
MSHFS1P
8 Pin Dip
MSHFS2P
16 Pin Dip
MSHFS3P
MSHFS4P
16 Pin Dip
MSHFS5P
8 Pin Dip
MSHFS6P
8 Pin Dip
MSHFS1S
MSHFS2S
16 Pin SOIC
MSHFS3S
8 Pin SOIC
MSHFS4S
16 Pin SOIC
MSHFS5S
8 Pin SOIC
MSHFS6S
8 Pin SOIC
8 Pin Dip
8 Pin SOIC
© 2000-2016 Mixed Signal Integration 4
To order a RoHS compliant part, add “-RoHS”
to the end of a part number above.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com