Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSRFIF Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSRFIF
Description  Radio Frequency Interface Front End
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSRFIF Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSRFIF Datasheet HTML 1Page - Mixed Signal Integration MSRFIF Datasheet HTML 2Page - Mixed Signal Integration MSRFIF Datasheet HTML 3Page - Mixed Signal Integration MSRFIF Datasheet HTML 4Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
This integrated circuit provides a charge pump
and ASK/PSK demodulation/modulation for self
powered or passive backscatter applications.
The
device meets FCC 47CFR18.307 for transmit
power level.
The MSRFIF operates from 50 Hz up to 250
MHz. The MSRFIF requires no batteries to func-
tion. The device is powered by RF energy from
the reader.
The RFIF has a voltage output for
powering microcontrollers, preamps and other cir-
cuits. The MSRFIF includes the duplexer for a
transmitter and receiver to share the same anten-
na.
Demodulated data is provided on the DEMOD pin
or pad for connection to a microprocessor for
decoding.
The MOD1/2 inputs
provides modu-
lation of the ID from the microprocessor.
No battery is needed for low power processors
(less than 50
μA). A received signal strength
detector keeps the logic off until a strong enough
signal is received. PDO output provides a trigger
only when RSSI is activated.
The MSRFIF is available in die form and in an
8-pin TSSOP or SOIC package for evaluation.
Features
Up to 250 MHz Operation
AM modulation and AM demodulation
with Pin Selectable AM modulation depth
Bi-Phase PSK demodulation
Receive Signal Strength Power Saving Circuit
8 Pin Package and die form
DC output for low power controllers (50
μA)
Applications
Remote Medical Reading and Monitors
Theft Detection
Security Systems
Inventory Control
Access Cards
Automotive Key Identification
Pet Identification
Mobile Commerce
Airline Baggage Identification
Sensor Transceiver
Absolute Maximum Ratings
Power Supply Voltage
+6V
Storage Temperature Range
-60 to +150o C
Operating Temperature Range
-40 to +85o C
Radio Frequency Interface Front End
Data Sheet
2/2010
©
© 2
20
01
10
0 M
Miixxeedd SSiiggnnaall IInntteeggrraattiioonn
1
1
W
Weebb SSiittee ““w
ww
ww
w..m
miixx-ssiigg..ccoom
m””
VDD
DUPLEXER
RF
RX
DATAOUT
MOD1
TX
MOD2
PD
VSS
TRANSMITTER
CHARGE
PUMP
RSSI
POWER
DOWN
ASK/PSK
DEMODULATOR


Similar Part No. - MSRFIF

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
MSRF ADVANCEDENERGY-MSRF Datasheet
425Kb / 4P
MASS SPECTROMETRY POWER SUPPLY MODULES
logo
ON Semiconductor
MSRF1560G ONSEMI-MSRF1560G Datasheet
119Kb / 7P
Switch-mode Soft Recovery Power Rectifier
February, 2014 ??Rev. 7
MSRF860 ONSEMI-MSRF860 Datasheet
121Kb / 6P
SWITCHMODE Soft Recovery Power Rectifiers
June, 2008 ??Rev. 5
MSRF860G ONSEMI-MSRF860G Datasheet
121Kb / 6P
SWITCHMODE Soft Recovery Power Rectifiers
June, 2008 ??Rev. 5
MSRF860G ONSEMI-MSRF860G Datasheet
125Kb / 6P
Switch-mode Soft Recovery Power Rectifiers
February, 2014 ??Rev. 6
More results

Similar Description - MSRFIF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
FM Front-end Circuit for Car Radio
logo
STMicroelectronics
STA001 STMICROELECTRONICS-STA001 Datasheet
310Kb / 20P
RF FRONT-END FOR DIGITAL RADIO
Nov-2002
logo
Sanyo Semicon Device
LA1178M SANYO-LA1178M Datasheet
299Kb / 7P
FM Front End for Car Radio, Home Radio-Use
logo
Panasonic Semiconductor
AN7213 PANASONIC-AN7213 Datasheet
188Kb / 4P
FM FRONT END CIRCUIT FOR RADIO
logo
List of Unclassifed Man...
AN7203 ETC1-AN7203 Datasheet
97Kb / 4P
FM FRONT-END IC FOR RADIO, RADIO CASSETTE RECORDER
logo
Samsung semiconductor
KA2249 SAMSUNG-KA2249 Datasheet
262Kb / 4P
FM FRONT END FOR PORTABLE RADIO
logo
NXP Semiconductors
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
Front-end for digital-IF car radio
Rev. 01-21 February 2007
logo
Texas Instruments
AFE8220-Q1 TI1-AFE8220-Q1 Datasheet
874Kb / 49P
DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
AFE8221-Q1 TI1-AFE8221-Q1 Datasheet
1Mb / 59P
DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT-END FOR DIGITAL RADIO
logo
Microchip Technology
PD70210 MICROCHIP-PD70210 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com