Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSHFS3 Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSHFS3
Description  Selectable High Frequency LP/BP Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSHFS3 Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSHFS3 Datasheet HTML 1Page - Mixed Signal Integration MSHFS3 Datasheet HTML 2Page - Mixed Signal Integration MSHFS3 Datasheet HTML 3Page - Mixed Signal Integration MSHFS3 Datasheet HTML 4Page - Mixed Signal Integration MSHFS3 Datasheet HTML 5Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Selectable High Frequency LP/BP Filter
Data Sheet
7/2016
Description
The selectable high frequency
lowpass/
bandpass filter IC Is a CMOS chip that can be
configured for either a lowpass or a band-
pass filter. The lowpass response can be a 6
pole Butterworth, Elliptic or Bessel filter. The
band pass response can be a six pole full, third
or sixth o c tave b a n dpass filter. The de vic e
uses switched-capacitor filters and no external
components (except for decoupling capacitors)
are required, Only an external clock is needed.
A four input multiplexor and externally select-
able gain setting pin, along with a power down
and clock to corner ratio select pin are in-
cluded in the 16 pin version. An 8 pin version
is also available for
compact PC board lay-
outs. MSHFS3, MSHFS4 and MSHFS6 are
lower current, lower frequency versions.
Features
Six Filter Types In One Package
No External Components
Switched-Capacitor Filters
High Frequency Operation
Input Multiplexor
Adjustable Gain 0, 10 or 20 dB
Small Package Size
Low Cost
On Chip Power Save Pin
ANSI Compatible Bandpass
Applications
Spectrum Analyzers
General Purpose Systems
Portable Systems
Anti-Alias Filters
Reconstruction Filters
Telecommunications
Tracking Filters
Harmonic Analysis
Noise Analysis
Data Communication
Wireless Applications
Lowpass Responses
Bandpass Responses
© 2000-2016 Mixed Signal Integration 1


Similar Part No. - MSHFS3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MSH MMD-MSH Datasheet
57Kb / 1P
3.2 X 2.5 Ceramic SMD Oscillator
MSH MMD-MSH Datasheet
104Kb / 2P
MSH Series 3.2 x 2.5 Ceramic SMD Oscillator
logo
Volgen Kaga Electronics...
MSH-0505D VOLGEN-MSH-0505D Datasheet
243Kb / 3P
2 WATT DC//DC CONVERTER, SIIP PACKAGE
MSH-0509D VOLGEN-MSH-0509D Datasheet
243Kb / 3P
2 WATT DC//DC CONVERTER, SIIP PACKAGE
MSH-0512D VOLGEN-MSH-0512D Datasheet
243Kb / 3P
2 WATT DC//DC CONVERTER, SIIP PACKAGE
More results

Similar Description - MSHFS3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASC-50 ETC1-ASC-50 Datasheet
273Kb / 2P
Over 200 LP, HP, BP, BR Analog & DSP Filters Options
logo
Frequency Devices, Inc.
VM16FFFA FREQUENCYDEVICES-VM16FFFA Datasheet
188Kb / 2P
Fixed Frequency Filter with Selectable Gain VME Board
logo
List of Unclassifed Man...
05001 ETC2-05001 Datasheet
160Kb / 8P
CAPACITORS, FIXED, CERAMIC, CHIP, 0805, HIGH FREQUENCY, BP
05002 ETC2-05002 Datasheet
161Kb / 8P
CAPACITORS, FIXED, CERAMIC, CHIP, 0603, HIGH FREQUENCY, BP
logo
SYNERGY MICROWAVE CORPO...
FCPL1215-25 SYNERGY-FCPL1215-25 Datasheet
447Kb / 6P
Selectable frequency SYNTHESIZER
FCPL3644-26 SYNERGY-FCPL3644-26 Datasheet
419Kb / 8P
SELECTABLE FREQUENCY SYNTHESIZER
FCPL65120-10 SYNERGY-FCPL65120-10 Datasheet
427Kb / 8P
SELECTABLE FREQUENCY SYNTHESIZER
logo
Mixed Signal Integratio...
MSMXVHF MSI-MSMXVHF Datasheet
69Kb / 7P
High Frequency Mixer and Selectable VHF LP/BP Filter
MSVHFS MSI-MSVHFS Datasheet
80Kb / 9P
Selectable Very High Frequency LP/BP Filter
logo
Maxim Integrated Produc...
MAX7438EVKIT MAXIM-MAX7438EVKIT Datasheet
186Kb / 6P
Selectable High-Frequency Boost Levels
Rev 0; 6/03
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com