Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSSPSI Datasheet(PDF) 4 Page - Mixed Signal Integration

Part # MSSPSI
Description  Smart Programmable Sensor Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSSPSI Datasheet(HTML) 4 Page - Mixed Signal Integration

  MSSPSI Datasheet HTML 1Page - Mixed Signal Integration MSSPSI Datasheet HTML 2Page - Mixed Signal Integration MSSPSI Datasheet HTML 3Page - Mixed Signal Integration MSSPSI Datasheet HTML 4Page - Mixed Signal Integration MSSPSI Datasheet HTML 5Page - Mixed Signal Integration MSSPSI Datasheet HTML 6Page - Mixed Signal Integration MSSPSI Datasheet HTML 7Page - Mixed Signal Integration MSSPSI Datasheet HTML 8Page - Mixed Signal Integration MSSPSI Datasheet HTML 9Page - Mixed Signal Integration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Smart Programmable Sensor Interface
Data Sheet
Pin Number
Pin Name
Description
16
DOUT
Data
Output
17
SOUT
Strobe Out
Denotes start of
conversion
18
COUT
Calibrator Output
19
WU
Watchdog output
20
AF1
Alias Filter 1 Output
Drives >100kohms <12 pF
21
VA
Positive Supply;
Typically 5.0 VDC
22
INAD
Input to A/D
23
OUTLP
Lowpass Filter Output
24
INLP
Lowpass Filter Input)
25
INHP
Highpass Filter Input
26
N/C
Do Not Connect
27
INEXT
External Input
28
BIAS
Bias Input
29
OFST
Offset Adjust Output
30
OPO
Op Amp Output
31
N/C
Test Only; Do not
connect
32
INN
Low Noise Op Amp
Negative Input
Pin Number
Pin Name
Description
1
INP
Low Noise Amp
Positive Input
2
SQO
Square Wave Output
Adjustable to 400 mVpp
255 frequency steps
3
VREFI
Voltage reference input
A 0.1
μF cap to AGND
is connected to this pin
4
VREF
Voltage Reference
Nominally 2.5 VDC
5
TEMP
Temperature Sensor Output
6
AGND
Analog Ground
Typically tied to 0 VDC
7
DGND
Digital Ground
Typically tied to 0 VDC
8
N/C
Do Not Connect
9
CLK
Master Clock
10
DS
Data Strobe Input
11
SCK
Serial Data Clock
12
DI
Serial Data
input
13
VIO
IO Interface
Voltage
Nominally 3.0 VDC
14
VDDW
Watchdog timer VDD
15
DVDD
DIGITAL POSITIVE
SUPPLY; Typically 5.0VDC.
0.1
μF capacitor to ground
©2004-2
2014 Mixeed Signal Inteegratioon 4
Weeb Sitee ““www.mix-ssig.coom””
07/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com