Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSVL14 Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSVL14
Description  14 MHz Video Lowpass Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSVL14 Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSVL14 Datasheet HTML 1Page - Mixed Signal Integration MSVL14 Datasheet HTML 2Page - Mixed Signal Integration MSVL14 Datasheet HTML 3Page - Mixed Signal Integration MSVL14 Datasheet HTML 4Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN TYP
MAX UNITS
---------------------------------------------------------------------------------------------------
DC Specifications
--------------------------------------- -------------------------------------------
Operating Voltage
VDD
4.5
5.0
5.5
V
----------------------------------------------------------------------------------------------
Supply Current
IDD
Rbias=10 kohms
30
mA
-------------------------------------------------------------------------------------------------
Power Down Current
IDDPD
500
uA
------------------------------------------
Analog Ref. Voltage
VREF
0.5*VDD
V
--------------------------------------
DC Output Drive
IO
100
uA
---------------------------------------------------------
Output Impedance
ZO
600
Ohms
---------------------------------------------------------------- --
Output Offset
VOS
50
mV
--------------------------------------------------------------------
AC Specifications
-----------------------------------------------------------------------------------------------
Gain
AV
0
dB
---------------------------------------------------------------------------
Output Swing
4.0
4.5
Vp-p
--------------------------------------------------------------------------
Input Impedance
ZIN
10
kohm
-------------------------------------------------------------------------- -----------------------
Corner/Center Frequency
FO
14
MHz
--
Corner Frequency Accuracy
-3
+3
%
5/2004
14 MHz Video Lowpass Filter
Data Sheet
Electrical Characteristics
(VDD = +5V, T = 25 C)
Figure 2
14 MHz Filter Response
© 2004 Mixeed Signal Inteegratioon
2
Weeb Sitee ““www.mix-ssig.coom””
-80
-60
-40
-20
0
20
1.00
E+04
4.01
E+06
8.01
E+06
1.20
E+07
1.60
E+07
2.00
E+07
2.40
E+07
2.80
E+07
24 dB/octave
Frequency (Hz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com