Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSVHFS3N Datasheet(PDF) 4 Page - Mixed Signal Integration

Part # MSVHFS3N
Description  Selectable Very High Frequency LP/BP Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSVHFS3N Datasheet(HTML) 4 Page - Mixed Signal Integration

  MSVHFS3N Datasheet HTML 1Page - Mixed Signal Integration MSVHFS3N Datasheet HTML 2Page - Mixed Signal Integration MSVHFS3N Datasheet HTML 3Page - Mixed Signal Integration MSVHFS3N Datasheet HTML 4Page - Mixed Signal Integration MSVHFS3N Datasheet HTML 5Page - Mixed Signal Integration MSVHFS3N Datasheet HTML 6Page - Mixed Signal Integration MSVHFS3N Datasheet HTML 7Page - Mixed Signal Integration MSVHFS3N Datasheet HTML 8Page - Mixed Signal Integration MSVHFS3N Datasheet HTML 9Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Filter Selection
The filter type is selected using the two filter se-
lect pins, TYPE
and FSEL, FSEL is a CMOS
level pin that selects lowpass or
bandpass
response (lowpass = 0, bandpass = 2). TYPE Is
a tertiary control pin that selects the filter
response.
State 0 is VSS, state 1 is GND and
state 2 is VDD.
TYPE
Lowpass
Bandpass
0
Butterworth
Full Octave
1
Bessel
Third Octave
2
Elliptic
Sixth Octave
Gain and Frequency Selection
The Gain select pin G is a tertiary control pin
where state 0 is VSS, state 1 is GND level and
state 2 is VDD.
G
Gain
0
OdB
1
10dB
2
20dB
The clock to corner select pin F0 is a CMOS
level pin where HIGH is clock to corner of 12.5
to 1 (25 to 1 for Bessel) and LOW is clock to
corner of 6.25 to 1 (12.5 to 1 for Bessel). The
sample rate ratio is twice the clock to corner
ratio (double sampling).
©2011-2
2014 Mixeed Signal Inteegratioon
4
Weeb Sitee ““www.mix-ssig.coom””
6/2014
Selecttable Very High Frequency LP//BP Filtter
Datta Sheett



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com