Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSVHFS4N Datasheet(PDF) 2 Page - Mixed Signal Integration

Part # MSVHFS4N
Description  Selectable Very High Frequency LP/BP Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSVHFS4N Datasheet(HTML) 2 Page - Mixed Signal Integration

  MSVHFS4N Datasheet HTML 1Page - Mixed Signal Integration MSVHFS4N Datasheet HTML 2Page - Mixed Signal Integration MSVHFS4N Datasheet HTML 3Page - Mixed Signal Integration MSVHFS4N Datasheet HTML 4Page - Mixed Signal Integration MSVHFS4N Datasheet HTML 5Page - Mixed Signal Integration MSVHFS4N Datasheet HTML 6Page - Mixed Signal Integration MSVHFS4N Datasheet HTML 7Page - Mixed Signal Integration MSVHFS4N Datasheet HTML 8Page - Mixed Signal Integration MSVHFS4N Datasheet HTML 9Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
(VDD = +3.0V, T = 25 C)
Sample rate is 2X clock to corner ratio
©2011-2
2014 Mixeed Signal Inteegratioon
2
Weeb Sitee ““www.mix-ssig.coom””
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX
UNITS
DC Specifications
Operating Voltage
VDD
3.0
3.3
V
Supply Current
IDD
MSVHFS3,4,6
1.0
mA
Supply Current
IDD
MSVHFS1,2,5
5.0
mA
Supply Current in Power
IDDPD
PDown=High
200
μA
Down Mode
Filter AC Specifications
Gain
AV
G=VSS
-0.5
0
0.5
dB
Gain with 10 dB Selected
AV10dB
G=1/2 VDD
10
dB
Gain with 20 dB Selected
AV20dB
G= VDD
20
dB
Noise
en
To 1/2 Sample
200
μVrms
Distortion
THD
5MHz Butterworth
-72
dB
with 1 MHz Input
Signal Swing
VO
2.8
VPP
Input Imedance
ZIN
1.0
M
Ω
Output Drive
IO
300
μA
-
Output Impedance
ZO
500
Ω
Output Capacitive Load
COMAX
20
pF
Clock to Corner
FO=2
12.5
Clock to Corner
FO=0
6,25
Center Frequency Range
FO
FO=0 PWR=High
0.00001
5
MHz
Center Frequency Range
FO
FO=2 PWR=Low
0.00001
1
MHz
Ripple
Elliptic Lowpass, Bandpass
0.2
dB
Stop Band Rejection
Elliptic Lowpass
70
dB
Bessel Lowpass
60
dB
40 dB Bandwidth
Full Octave
Normalized FC,
0.3
3
1/3 Octave
Normalized FC
0.6
1.67
1/6 Octave
Normalized FC
0.76
1.32
Selecttable Very High Frequency LP//BP Filtter
Datta Sheett
Electrical Characteristics
6/2014



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com