Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPL191B2 Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPL191B2
Description  1024 Dots LCD Controller/Driver with 256KB ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL191B2 Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPL191B2 Datasheet HTML 9Page - Generalplus Technology Inc. GPL191B2 Datasheet HTML 10Page - Generalplus Technology Inc. GPL191B2 Datasheet HTML 11Page - Generalplus Technology Inc. GPL191B2 Datasheet HTML 12Page - Generalplus Technology Inc. GPL191B2 Datasheet HTML 13Page - Generalplus Technology Inc. GPL191B2 Datasheet HTML 14Page - Generalplus Technology Inc. GPL191B2 Datasheet HTML 15Page - Generalplus Technology Inc. GPL191B2 Datasheet HTML 16Page - Generalplus Technology Inc. GPL191B2 Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
GPL191B2
© Generalplus Technology Inc.
Proprietary & Confidential
13
Mar. 08, 2010
Version: 1.1
8.2. 1024 Points LCD Driver, 64 Segments × 16 Commons
SEG22
SEG32
SEG31
SEG30
SEG29
SEG28
SEG27
SEG26
SEG25
SEG24
SEG23
SEG21
SEG20
SEG19
SEG18
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG56
SEG57
SEG58
SEG59
SEG33
SEG3
SEG4
SEG5
SEG6
SEG7
RESET
ROSC
X32I
X32O
VDD
CUP1
CUP2
HVLCD
VLCD
PVSS
AUDN
PVDD
AUDP
IOEF0
IOEF1
IOEF2
IOEF3
TxD
RxD
VSS
Rsys
SEG63/IOCD3
SEG62/IOCD2
SEG61/IOCD1
SEG60/IOCD0
Note1:
IOCD3 - 0 can be mask-option for segment 63 - 60.
Note2:
These capacitors must be connected if voltage doubler and voltage regulator are used.
Note3:
Wire route path from capacitors (C6 - 1) to chip should be as close as possible.
Note4:
If voltage doubler and voltage regulator are not used, VLCD should be connected to VDD.
Note5:
C7, C8 and crystal should be placed as close as possible to X32I and X32O. A shielding by ground is suggested.
Note6:
The value of C7 and C8 are for design guidance only. Different capacitor values may be required for different crystal/resonator used.
Note7:
The capacitor value of C1 is from 30pF to 200pF, according to system noise level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com