Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

020ZGL Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 020ZGL
Description  Package in 12mm tape on 7" diameter reels.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

020ZGL Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  020ZGL Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 020ZGL Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Absolute Maximum Ratings at Ta=25℃
℃
℃
℃
Parameter
LTST-020ZGL
Unit
Power Dissipation
120
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
DC Forward Current
30
mA
Reverse Voltage
5
V
Operating Temperature Range
-30℃ to + 85℃
Storage Temperature Range
-40℃ to + 100℃
Reflow Soldering Condition
260℃ For 10 Seconds
Suggest IR Reflow Condition :
R-Reflow Soldering Profile for lead free soldering (Acc. to J-STD-020B)
Part No. : LTST-020ZGL
Page :
2
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com