Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EG8403 Datasheet(PDF) 11 Page - Jingjing Microelectronics Co., Ltd

Part # EG8403
Description  3 W unfIltrated D 3 D audio frequency shift
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG8403 Datasheet(HTML) 11 Page - Jingjing Microelectronics Co., Ltd

Back Button EG8403 Datasheet HTML 4Page - Jingjing Microelectronics Co., Ltd EG8403 Datasheet HTML 5Page - Jingjing Microelectronics Co., Ltd EG8403 Datasheet HTML 6Page - Jingjing Microelectronics Co., Ltd EG8403 Datasheet HTML 7Page - Jingjing Microelectronics Co., Ltd EG8403 Datasheet HTML 8Page - Jingjing Microelectronics Co., Ltd EG8403 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd EG8403 Datasheet HTML 10Page - Jingjing Microelectronics Co., Ltd EG8403 Datasheet HTML 11Page - Jingjing Microelectronics Co., Ltd EG8403 Datasheet HTML 12Page - Jingjing Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
屹晶微电子有限公司
EG8403 芯片数据手册 V1.0
D 类立体声音频功放
2010 © 屹晶微电子有限公司 版权所有
www.EGmicro.com
10 / 11
8.11电磁辐射(EMI)
在电源端加一个 1000μ F 的耦合电容,能有效减小电磁辐射,前提是放大器到扬声器的距离小于 20cm。
大部分应用时需要一个如图 8-2 所示的磁珠滤波器。滤波器有效减小了 1MHz 以及以上的电磁辐射。该应用
中,在高频率时选择高阻抗的,而在低频率时应选择低阻抗的磁珠。
OUT+
200pF
OUT+
Ferrite Bead
200pF
Ferrite Bead
图 8-2. 使用磁珠滤波器减小电磁辐射



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com