Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3085CL Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC3085CL
Description  Switch dimming / color linear LED constant current driver chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC3085CL Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC3085CL Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3085CL Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3085CL Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3085CL Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3085CL Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3085CL Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3085CL Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3085CL Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
TC3085CL(文件编号:S&CIC1686)
开关调光
/调色线性 LED 恒流驱动芯片
www.superchip.cn
第
1 页 共 8 页
Version 1.0
概述
TC3085CL 是一款开关调光/调色的线性 LED 恒流驱动芯片,集成了高压 MOS 管和 JFET 高压供电功能。
主要用于驱动由市电供电的高电压、低电流
LED 灯串。由于不需要电解电容和磁性元件,LED 驱动器可以实现
小体积、长寿命,并符合
EMI 规定。
TC3085CL 通过打开和关闭电源开关,根据 SEL 引脚配置,依次切换芯片内部两路恒流输出的通断状态,
通过不同的外围
CS 电阻接法,达到调光或调色的效果。
特点
外围电路非常简单,驱动器体积非常小
无需电解电容和磁性元件
500V 内置高压 MOS 管
超快
LED 启动
±
5% LED 输出电流精度
LED 电流可外部设定
过温调节功能
3 秒内可实现开关切换
调光比例
100%,50%,X%
兼容
2 状态、3 状态切换
采用
ESOP-8封装
应用
GU10/E27 LED 球泡灯、射灯
LED 蜡烛灯
 其它
LED 照明
订购信息
引脚示意图及说明
引脚示意图
序号
名称
引脚说明
ESOP-8
1
VCC
电源端
2
SEL
开关逻辑选择控制端
3
CS1
芯片电流采样端口
1
4
CS2
芯片电流采样端口
2
5
D2
恒流输出端口
2
6
D1
恒流输出端口
1
7
NC
悬空
8
VIN
供电端口
衬底
GND
地
定购型号
封装
温度范围
包装形式
TC3085CL
ESOP-8
-40 ℃到 105℃
编带
4,000 颗/盘


Similar Part No. - TC3085CL

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC3088 FUMAN-TC3088 Datasheet
1Mb / 5P
High speed transceiver
TC3088D FUMAN-TC3088D Datasheet
1Mb / 5P
High speed transceiver
TC3088S FUMAN-TC3088S Datasheet
1Mb / 5P
High speed transceiver
logo
auris-GmbH
TC308BMJ AURIS-TC308BMJ Datasheet
118Kb / 1P
Quartz SMD
More results

Similar Description - TC3085CL

ManufacturerPart #DatasheetDescription
logo
Shenzhen SI Semiconduct...
SIC9922L SISEMIC-SIC9922L Datasheet
510Kb / 8P
North American thyristor dimming LED constant current driver chip
logo
Shenzhen Tianyuan Semic...
TP8121 TPOWER-TP8121 Datasheet
471Kb / 8P
Switch dimming stroboscopic linear constant current LED driver
TP8123 TPOWER-TP8123 Datasheet
519Kb / 7P
Switch dimming high power factor linear constant current LED driver
logo
Shenzhen Huazhimei Semi...
HM7236 HMSEMI-HM7236 Datasheet
672Kb / 7P
PWM dimming linear buck LED constant current driver
HM7237 HMSEMI-HM7237 Datasheet
395Kb / 6P
PWM dimming linear buck LED constant current driver
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
PWM dimming LED constant current driver chip
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
PWM dimming LED constant current driver
HM7165 HMSEMI-HM7165 Datasheet
903Kb / 8P
Thyristor dimming high power factor linear constant current LED driver chip
HM7168 HMSEMI-HM7168 Datasheet
1Mb / 10P
2-segment dimming/coloring linear constant current LED driver chip
HM7169 HMSEMI-HM7169 Datasheet
1Mb / 15P
Segment dimming/color adjustment LED linear constant current control chip
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com