Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3783CD Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC3783CD
Description  LED Digital Charger IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC3783CD Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC3783CD Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3783CD Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3783CD Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3783CD Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3783CD Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
TC3783C(文件编号:S&CIC0988)
LED 数码充电器 IC
第 1 页 共 5 页
一、功能特性
支持座式充电器模式;
支持 LED 数码显示充电指示;
自动识别电池极性;
充电饱和电压 4.25V(典型值);
内置 SC6206B
空载电压稳定输出;
短路保护功能;
极少的外围器件;
内置基准电压源电路。
封装形式:DIP-14(TC3783CD)和 SOP-14(TC3783CS)
二、封装脚位图及说明
序号
名称
描述
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
16-Feb-2012
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\TC3782C.ddb
Drawn By:
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCC
BTN
NC
LDO
SEL
LBAT
S1
S2
S3
S4
COM
GND
BTP
NC
SOP-14(TC3783CS)
DIP-14(TC3783CD)
1
VCC
功率电源正极
2
BTN
接电池负极
3
NC
悬空不接
4
NC
悬空不接
5
LDO
内置基准电压输入端
6
SEL
模式选择端
7
LBAT
LCD 显示驱动端
8
S1
LCD 显示驱动端
9
S2
LCD 显示驱动端
10
S3
LCD 显示驱动端
11
S4
LCD 显示驱动端
12
COM
LCD 显示驱动端
13
GND
电源负极(地端)
14
BTP
接电池正极


Similar Part No. - TC3783CD

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC3782C FUMAN-TC3782C Datasheet
337Kb / 5P
LCD Digital Charger IC
TC3782CD FUMAN-TC3782CD Datasheet
337Kb / 5P
LCD Digital Charger IC
TC3782CS FUMAN-TC3782CS Datasheet
337Kb / 5P
LCD Digital Charger IC
TC3782D FUMAN-TC3782D Datasheet
259Kb / 5P
LCD Digital Charger IC
TC3788 FUMAN-TC3788 Datasheet
167Kb / 5P
Universal charger control chip
More results

Similar Description - TC3783CD

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2336 NJRC-NJM2336 Datasheet
180Kb / 7P
Battery Charger IC
NJM2337 NJRC-NJM2337 Datasheet
129Kb / 6P
Battery Charger IC
logo
SHENZHEN FUMAN ELECTRON...
9017R FUMAN-9017R Datasheet
231Kb / 5P
USB charger IC
DM06A FUMAN-DM06A Datasheet
175Kb / 3P
Charger IC
FM01ATSH FUMAN-FM01ATSH Datasheet
285Kb / 7P
Charger driver IC
logo
Shenzhenshi YONGFUKANG ...
VAS5280 YONGFUKANG-VAS5280 Datasheet
1Mb / 12P
Boost Charger IC
logo
SHENZHEN FUMAN ELECTRON...
SC308 FUMAN-SC308 Datasheet
1Mb / 6P
Charger charger IC
TE02 FUMAN-TE02 Datasheet
443Kb / 8P
Charger driver IC
TC3782C FUMAN-TC3782C Datasheet
337Kb / 5P
LCD Digital Charger IC
TC3782D FUMAN-TC3782D Datasheet
259Kb / 5P
LCD Digital Charger IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com