Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2701 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # APM2701
Description  Dual MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

APM2701 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  APM2701 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd APM2701 Datasheet HTML 8Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Transistors
www.kexin.com.cn
2
MOSFET
SMD Type
Dual MOSFET (N and P Channel)
APM2701
Electrical Characteristics (Ta = 25
unless otherwise noted)
Parameter
Symbol
Test Conditions
Type
Min
Typ
Max
Unit
ID=250
A, VGS=0V
N-Ch
20
ID=-250
A, VGS=0V
P-Ch
-20
VDS=16V, VGS=0V
1
VDS=16V, VGS=0V, TJ=85
30
VDS=-16V, VGS=0V
-1
VDS=-16V, VGS=0V, TJ=85
-30
VDS=0V, VGS=
±10V
N-Ch
±100
VDS=0V, VGS=
±10V
P-Ch
±100
VDS=VGS , ID=250
A
N-Ch
0.45
1
VDS=VGS, ID=-250
A
P-Ch -0.45
-1
VGS=4.5V, ID=3A
70
VGS=2.5V, ID=1.7A
110
VGS=-4.5V, ID=-1.5A
190
VGS=-2.5V, ID=-1A
235
N-Ch
270
N-Channel:
P-Ch
300
VGS=0V, VDS=10V, f=1MHz
N-Ch
70
P-Channel:
P-Ch
50
VGS=0V, VDS=-10V, f=1MHz
N-Ch
50
P-Ch
30
N-Ch
5
6.5
N-Channel:
P-Ch
4
6
VGS=4.5V, VDS=10V, ID=3A
N-Ch
0.5
P-Channel:
P-Ch
0.6
VGS=-4.5V, VDS=-10V, ID=-1.5A
N-Ch
1.6
P-Ch
1
N-Ch
6
12
N-Channel:
P-Ch
6
10
VDS=10V, RL=10 ,N-Ch
5
10
IDS=1A, VGEN=4.5V, RG=6
P-Ch
8
12
P-Channel:
N-Ch
12
23
VDS=-10V, RL=10 ,P-Ch
10
15
IDS=-1A, VGEN=-4.5V, RG=6
N-Ch
6
12
P-Ch
5
10
IS=0.5A,VGS=0V
N-Ch
1.3
IS=-0.5A,VGS=0V
P-Ch
-1.3
V
Notes: a: Guaranteed by design, not subject to production testing.
b: Pulse test; pulse width
300 s, duty cycle
2%.
Reverse Transfer Capacitance
Turn-On DelayTime
Turn-Off Fall Time
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Input Capacitance
Output Capacitance
Gate Threshold Voltage
VGS(th)
V
N-Ch
RDS(On)
Static Drain-Source On-Resistance
m
P-Ch
td(on)
tr
Drain-Source Breakdown Voltage
VDSS
V
Gate-Body Leakage Current
IGSS
nA
Zero Gate Voltage Drain Current
IDSS
A
N-Ch
pF
nC
Qg
a
Qgs
a
Qgd
a
Ciss
Coss
ns
Turn-On Rise Time
Turn-Off DelayTime
P-Ch
Diode Forward Voltage
VSD
b
Crss
tf
td(off)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com