Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMA-RGY Datasheet(PDF) 8 Page - Cree, Inc

Part # C4SMA-RGY
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMA-RGY Datasheet(HTML) 8 Page - Cree, Inc

Back Button C4SMA-RGY Datasheet HTML 2Page - Cree, Inc C4SMA-RGY Datasheet HTML 3Page - Cree, Inc C4SMA-RGY Datasheet HTML 4Page - Cree, Inc C4SMA-RGY Datasheet HTML 5Page - Cree, Inc C4SMA-RGY Datasheet HTML 6Page - Cree, Inc C4SMA-RGY Datasheet HTML 7Page - Cree, Inc C4SMA-RGY Datasheet HTML 8Page - Cree, Inc C4SMA-RGY Datasheet HTML 9Page - Cree, Inc C4SMA-RGY Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
8
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
Cree 4-mm Oval LED
C4SMA-RGY/GGY/BGY
KIT NUMBER SYSTEM
All dimensions in mm.Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color,
forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to
the “Cree LED Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following man-
ner:
C C C C C - D X G - X H H K K M N T
D - C o l o r
C C C C C - P r o d u c t S e r i e s
G - O p t i o n
S : S t a n d o f f
N : N o S t a n d o f f
B : B l a c k F a c e
W : W h i t e F a c e
A : B l a c k B o d y
F : I r o n L e a d F r a m e w i t h S t a n d o f f
M - M i n . W a v e l e n g t h / C h r o m a t i c i t y R a n g e
R e f e r t o o r d e r c o d e t a b l e
N - M a x . W a v e l e n g t h / C h r o m a t i c i t y R a n g e
R : S e l e c t 1 h u e f r o m 4 h u e b i n s
S : S e l e c t 1 h u e f r o m 3 h u e b i n s
T : S e l e c t 1 h u e f r o m 2 h u e b i n s
U : S e l e c t 2 h u e f r o m 4 h u e b i n s
V : S e l e c t 2 h u e f r o m 3 h u e b i n s
T - P a c k a g i n g T y p e
1 : B u l k P a c k
2 : A m m o P a c k
3 : Ta p e & R e e l ( R o l l P a c k )
4 : T u b e P a c k
H H - M i n i m u m I n t e n s i t y B i n
R e f e r t o o r d e r c o d e t a b l e
K K - M a x i m u m I n t e n s i t y B i n
R e f e r t o o r d e r c o d e t a b l e
* P l e a s e c o n t a c t o u r s a l e s r e p r e s e n t a t i v e f o r o r d e r i n g i n f o r m a t i o n .



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com