Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMR-RJY Datasheet(PDF) 3 Page - Cree, Inc

Part # C4SMR-RJY
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMR-RJY Datasheet(HTML) 3 Page - Cree, Inc

  C4SMR-RJY Datasheet HTML 1Page - Cree, Inc C4SMR-RJY Datasheet HTML 2Page - Cree, Inc C4SMR-RJY Datasheet HTML 3Page - Cree, Inc C4SMR-RJY Datasheet HTML 4Page - Cree, Inc C4SMR-RJY Datasheet HTML 5Page - Cree, Inc C4SMR-RJY Datasheet HTML 6Page - Cree, Inc C4SMR-RJY Datasheet HTML 7Page - Cree, Inc C4SMR-RJY Datasheet HTML 8Page - Cree, Inc C4SMR-RJY Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree 4-mm Oval LED
C4SMR-RJF/GJF/BJF
• Tolerance of measurement of luminous intensity is ±15%
• Tolerance of measurement of dominant wavelength is ±1 nm
Red: C4SMR-RJY
Bin Code
Min.(mcd)
Max.(mcd)
S2
852
934
S3
934
1017
S4
1017
1100
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
U1
1520
1672
INTENSITY BIN LIMIT (RED I
F = 15 mA, GREEN IF = 10 mA, BLUE IF = 10 mA)
COLOR BIN LIMIT (RED I
F = 15 mA, GREEN IF = 10 mA, BLUE IF = 10 mA)
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
G67
532.5
537.5
Ga
535
540
Blue
Bin Code
Min.(nm)
Max.(nm)
B3
460
465
B23
462.5
467.5
B4
465
470
B45
467.5
472.5
B5
470
475
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green:C4SMR-GJY
Bin Code
Min.(mcd)
Max.(mcd)
U2
1672
1824
U3
1824
1976
U4
1976
2130
V1
2130
2347
V2
2347
2564
V3
2564
2781
V4
2781
3000
W1
3000
3295
Blue:C4SMR-BJY
Bin Code
Min.(mcd)
Max.(mcd)
P2
308
336
P3
336
364
P4
364
390
Q1
390
430
Q2
430
470
Q3
470
510
Q4
510
550
R1
550
605



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com