Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C535A-WJS Datasheet(PDF) 1 Page - Cree, Inc

Part # C535A-WJS
Description  Cree짰 5mm Round LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C535A-WJS Datasheet(HTML) 1 Page - Cree, Inc

  C535A-WJS Datasheet HTML 1Page - Cree, Inc C535A-WJS Datasheet HTML 2Page - Cree, Inc C535A-WJS Datasheet HTML 3Page - Cree, Inc C535A-WJS Datasheet HTML 4Page - Cree, Inc C535A-WJS Datasheet HTML 5Page - Cree, Inc C535A-WJS Datasheet HTML 6Page - Cree, Inc C535A-WJS Datasheet HTML 7Page - Cree, Inc C535A-WJS Datasheet HTML 8Page - Cree, Inc C535A-WJS Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRODUCT FAMILY DATA SHEET
Cree® 5mm Round LED
C535A-WJS/WJN
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
Round LEDs offer superior light out-
put for excellent readability in sun-
light and dependable performance.
They provide extremely stable light
output over long periods of time.
These lamps are made with an
advanced optical grade epoxy
offering superior high temperature
and high moisture resistance
performance in lighting and
illumination applications.
FEATURES
• Size (mm): 5
• Color Temperatures(K):
Cool White :
Min . (4600) / Typical (9000)
• Luminous Intensity (mcd)
C535A-WJS/WJN (1100-4180)
• Viewing angle: 110 degree
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Garden Light
• Channel Letter
• Retail Display Lighting


Similar Part No. - C535A-WJS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
5mm Round LED
logo
Marktech Corporate
C535A-WJN MARKTECH-C535A-WJN Datasheet
509Kb / 9P
Cree짰 5mm Round LED
logo
Cree, Inc
C535A-WJN-877 CREE-C535A-WJN-877 Datasheet
849Kb / 13P
5mm Round LED
logo
Marktech Corporate
C535A-WJN-CS0V0151 MARKTECH-C535A-WJN-CS0V0151 Datasheet
509Kb / 9P
Cree짰 5mm Round LED
C535A-WJN-CS0V0231 MARKTECH-C535A-WJN-CS0V0231 Datasheet
509Kb / 9P
Cree짰 5mm Round LED
More results

Similar Description - C535A-WJS

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
Cree짰 5-mm Round LED
C503D-WAN MARKTECH-C503D-WAN Datasheet
701Kb / 9P
Cree짰 5mm Round LED
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
Cree짰 5-mm Round LED
C535A-WJN MARKTECH-C535A-WJN Datasheet
509Kb / 9P
Cree짰 5mm Round LED
C566C-RFS MARKTECH-C566C-RFS Datasheet
652Kb / 10P
Cree짰 5mm Oval LED
C512A MARKTECH-C512A Datasheet
979Kb / 10P
5mm Round LED
logo
Cree, Inc
C543A-WMN CREE-C543A-WMN Datasheet
876Kb / 13P
Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
Cree짰 5mm Round LED
C503T-WAN CREE-C503T-WAN Datasheet
1,014Kb / 10P
Cree짰 5mm Round LED
C534T-WLN CREE-C534T-WLN Datasheet
845Kb / 9P
Cree짰 5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com