Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLA1A-WKB Datasheet(PDF) 2 Page - Cree, Inc

Part # CLA1A-WKB
Description  Cree짰 PLCC4 1 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLA1A-WKB Datasheet(HTML) 2 Page - Cree, Inc

  CLA1A-WKB Datasheet HTML 1Page - Cree, Inc CLA1A-WKB Datasheet HTML 2Page - Cree, Inc CLA1A-WKB Datasheet HTML 3Page - Cree, Inc CLA1A-WKB Datasheet HTML 4Page - Cree, Inc CLA1A-WKB Datasheet HTML 5Page - Cree, Inc CLA1A-WKB Datasheet HTML 6Page - Cree, Inc CLA1A-WKB Datasheet HTML 7Page - Cree, Inc CLA1A-WKB Datasheet HTML 8Page - Cree, Inc CLA1A-WKB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree PLCC4 1 in 1 SMD LED
CLA1A-WKB
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
35
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
147
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient
R
THJA
350
°C/W
Junction/Solder Point
R
THJS
200
°C/W
Note: Pulse width ≤0.1 msec, duty ≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 30 mA
V
3.6
4.2
Reverse Current
I
R
V
R = 5 V
μA
10
Luminous Flux
Φ
V
I
F = 30 mA
mlm
7000
Luminous Intensity
I
V
I
F = 30 mA
mcd
1400
2600
Chromaticity
Coordinates
x
I
F = 30 mA
0.3325
y
I
F = 30 mA
0.3411



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com