Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2D-CCC Datasheet(PDF) 1 Page - Cree, Inc

Part # CLM2D-CCC
Description  Cree짰 PLCC4 1 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM2D-CCC Datasheet(HTML) 1 Page - Cree, Inc

  CLM2D-CCC Datasheet HTML 1Page - Cree, Inc CLM2D-CCC Datasheet HTML 2Page - Cree, Inc CLM2D-CCC Datasheet HTML 3Page - Cree, Inc CLM2D-CCC Datasheet HTML 4Page - Cree, Inc CLM2D-CCC Datasheet HTML 5Page - Cree, Inc CLM2D-CCC Datasheet HTML 6Page - Cree, Inc CLM2D-CCC Datasheet HTML 7Page - Cree, Inc CLM2D-CCC Datasheet HTML 8Page - Cree, Inc CLM2D-CCC Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC4 1 in 1 SMD LED
CLM2D-CCC
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
FEATURES
• Size (mm):3.2 x 2.8
• Color and Typical Dominant
Wavelength:
Cyan(500 - 512.5nm)
• Luminous Intensity (mcd)
CLM2D-CCC:(3550 - 11200)
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
• Untinted Diffused Lens
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Channel Letter
• Architectural Lighting
PRODUCT DESCRIPTION
SMD LEDs is packaged in the industry
standard package. These LEDs have
high reliability performance and are
designed to work under a wide
range of environmental conditions.
This high reliability feature makes
them ideally suited to be used under
Architectural lighting application
conditions
These LEDs are suited for channel
letter,or Architectural lighting
applications. Cree has been
certified in accordance with ISO/
TS16949.


Similar Part No. - CLM2D-CCC

ManufacturerPart #DatasheetDescription
logo
Cree LED
CLM2D-CCC CREELED-CLM2D-CCC Datasheet
679Kb / 9P
CLM2D-CCC: PLCC4 Cyan SMD LEDs
REV 6
More results

Similar Description - CLM2D-CCC

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLA1A-WKW MARKTECH-CLA1A-WKW Datasheet
542Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM2B-REW MARKTECH-CLM2B-REW Datasheet
484Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
Cree짰 PLCC4 1-in-1 SMD LED
CLM4B-PKW MARKTECH-CLM4B-PKW Datasheet
420Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLA1A-WKB CREE-CLA1A-WKB Datasheet
838Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-RKC CREE-CLM4B-RKC Datasheet
967Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4T-RKW CREE-CLM4T-RKW Datasheet
677Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com