Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-RKC Datasheet(PDF) 4 Page - Cree, Inc

Part # CLM4B-RKC
Description  Cree짰 PLCC4 1 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM4B-RKC Datasheet(HTML) 4 Page - Cree, Inc

  CLM4B-RKC Datasheet HTML 1Page - Cree, Inc CLM4B-RKC Datasheet HTML 2Page - Cree, Inc CLM4B-RKC Datasheet HTML 3Page - Cree, Inc CLM4B-RKC Datasheet HTML 4Page - Cree, Inc CLM4B-RKC Datasheet HTML 5Page - Cree, Inc CLM4B-RKC Datasheet HTML 6Page - Cree, Inc CLM4B-RKC Datasheet HTML 7Page - Cree, Inc CLM4B-RKC Datasheet HTML 8Page - Cree, Inc CLM4B-RKC Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC4 1 in 1 SMD LED
CLM4B-RKC/AKC
ORDER CODE TABLE*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color Bin
Min.(nm)
Color Bin
Max.(nm)
Red
CLM4B-RKC-CWaXaAA3
1120
2240
RA
618
RA
630
Red
CLM4B-RKC-CWbXaAA3
1400
2240
RA
618
RA
630
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color Bin
Min.(nm)
Color Bin
Max.(nm)
Amber
CLM4B-AKC-CWbXb353
1400
2800
A3
587
A5
596
Amber
CLM4B-AKC-CWbXb343
1400
2800
A3
587
A4
593
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin
codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document #1 for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document #2 for information about how to use this LED
product safely.
#1: Refer to http://www.cree.com/led-components/media/documents/LED_Lamp_Reliability_Test_Standard.pdf
#2: Refer to http://www.cree.com/led-components/media/documents/sh-HB.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com