Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-RKC-CWaXaAA3 Datasheet(PDF) 10 Page - Cree, Inc

Part # CLM4B-RKC-CWaXaAA3
Description  Cree짰 PLCC4 1 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM4B-RKC-CWaXaAA3 Datasheet(HTML) 10 Page - Cree, Inc

Back Button CLM4B-RKC-CWaXaAA3 Datasheet HTML 2Page - Cree, Inc CLM4B-RKC-CWaXaAA3 Datasheet HTML 3Page - Cree, Inc CLM4B-RKC-CWaXaAA3 Datasheet HTML 4Page - Cree, Inc CLM4B-RKC-CWaXaAA3 Datasheet HTML 5Page - Cree, Inc CLM4B-RKC-CWaXaAA3 Datasheet HTML 6Page - Cree, Inc CLM4B-RKC-CWaXaAA3 Datasheet HTML 7Page - Cree, Inc CLM4B-RKC-CWaXaAA3 Datasheet HTML 8Page - Cree, Inc CLM4B-RKC-CWaXaAA3 Datasheet HTML 9Page - Cree, Inc CLM4B-RKC-CWaXaAA3 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
10
Cree PLCC4 1 in 1 SMD LED
CLM4B-RKC/AKC
• The boxes are not water resistant and they must be kept away from water and moisture.
• The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
• Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation.
• The reel pack is applied in SMD LED.
• Max 2000 pcs per reel.
PACKAGING







防潮珠。不可食



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com